Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP6 Datasheet(PDF) 86 Page - STMicroelectronics

Part # ST20-GP6
Description  GPS PROCESSOR
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP6 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button ST20-GP6 Datasheet HTML 82Page - STMicroelectronics ST20-GP6 Datasheet HTML 83Page - STMicroelectronics ST20-GP6 Datasheet HTML 84Page - STMicroelectronics ST20-GP6 Datasheet HTML 85Page - STMicroelectronics ST20-GP6 Datasheet HTML 86Page - STMicroelectronics ST20-GP6 Datasheet HTML 87Page - STMicroelectronics ST20-GP6 Datasheet HTML 88Page - STMicroelectronics ST20-GP6 Datasheet HTML 89Page - STMicroelectronics ST20-GP6 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 123 page
background image
ST20-GP6
86/123
The baud rate and the required reload value for a given baud rate can be determined by the follow-
ing formulae:
where: <ASCBaudRate> represents the content of the
ASCBaudRate register, taken as unsigned
16-bit integer,
fCPU is the frequency of the CPU.
Table 15.3 lists various commonly used baud rates together with the required reload values and the
rounded deviation errors for an example baud rate with a CPU clock of 32.736 MHz.
15.4 Interrupt control
The ASC has a single interrupt coming out of it, called
ASC_interrupt. The status bits in the ASC-
Status register determine the cause of the interrupt. ASC_interrupt will go high when a status bit
is 1 (high) and the corresponding bit in the
ASCIntEnable register is 1.
Note the status register
cannot be written to directly by software. The reset mechanism for the sta-
tus register is described below.
The following diagram illustrates the situation.
Baud rate
Reload value
(exact)
Reload value
(integer)
Reload value
(hex)
Deviation error
38400
53.28125
53
35
-0.53%
28800
71.04167
71
47
-0.06%
19200
106.5625
107
6B
0.41%
14400
142.0833
142
8E
-0.06%
9600
213.125
213
D5
-0.06%
4800
426.25
426
1AA
-0.06%
2400
852.5
853
355
0.06%
1200
1705
1705
6A9
0.00%
600
3410
3410
D52
0.00%
300
6820
6820
1AA4
0.00%
75
27280
27280
6A90
0.00%
Table 15.3 Baud rates
Baudrate =
16 (<ASCBaudRate>)
<ASCBaudRate> = (
16 x Baudrate
)
fCPU
fCPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com