Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP6 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST20-GP6
Description  GPS PROCESSOR
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP6 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST20-GP6 Datasheet HTML 12Page - STMicroelectronics ST20-GP6 Datasheet HTML 13Page - STMicroelectronics ST20-GP6 Datasheet HTML 14Page - STMicroelectronics ST20-GP6 Datasheet HTML 15Page - STMicroelectronics ST20-GP6 Datasheet HTML 16Page - STMicroelectronics ST20-GP6 Datasheet HTML 17Page - STMicroelectronics ST20-GP6 Datasheet HTML 18Page - STMicroelectronics ST20-GP6 Datasheet HTML 19Page - STMicroelectronics ST20-GP6 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 123 page
background image
ST20-GP6
16/123
PRNinitialVal0-1 register, see Table 3.8. If uninitialized by the software, the PRNinitialVal register
defaults to 11 1111 1111 (#3FF) as required for GPS satellites.
The
PRNcode0-11 and PRNinitialVal0-1 registers are normally written only when the satellite is
first chosen.
PRNphase0-11 registers
The
PRN0-11phase registers determine the relative delay between the receiver master clock, and
the start of the one millisecond repetitive code sequence. The code sequence starts when the
receiver clock counter (invisible to the software except through message timestamps) reaches the
value written to the
PRNphase0-11 register. The PRNphase0-11 register must only be written
once per satellite milliseconds-epoch, which varies from the receiver epoch dynamically due to sat-
ellite motion. Synchronism with the software is achieved by reading the register, when a write
enable flag is returned. If not enabled, the write operation is abandoned by the software.
The 19-bit value comprises three fields. The 3 least significant bits represent the fractional-delay in
eighths of a code-chip. The middle 10 bits represent the integer delay in code-chips, 0-1022, with
the value 1023 illegal. The upper 6 most significant bits represent the delay in integer milliseconds.
Note also that the eighth-chip resolution of the code generator is not sufficient for positioning. At
125 ns it represents approximately 40 m of range, over 100 m of position. The software must main-
tain the range measurements around the 1 ns resolution level in a 32-bit field, and send an appro-
priate 19-bit sub-field to the register. Note, care must be taken when calculating this field from a
computed delay, or vice versa, to allow for the missing value 1023. The overall register bit-field can-
not be used mathematically as a single binary number.
PRNphase0-11WrEn registers
The
PRNphase0-11WrEn flags are active low flags that record when the PRNphase0-11 register
can be updated. The
PRNphaseWrEn flag for a channel is set high when the corresponding PRN-
phase register is written. The flag is reset again when the value written is loaded into the PRN gen-
PRNphase0-11
DSP base address + #40 to #6C
Write only
Bit
Bit field
Function
2:0
FractionalDelay
Fractional delay in eighths of a code-chip.
12:3
IntegerDelay
Integer delay in code-chips. Value 0-1022. Note, the value 1023 is illegal.
18:13
Delay
Delay in integer milliseconds.
Table 3.4
PRNphase0-11 register format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com