Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP6 Datasheet(PDF) 70 Page - STMicroelectronics

Part # ST20-GP6
Description  GPS PROCESSOR
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP6 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button ST20-GP6 Datasheet HTML 66Page - STMicroelectronics ST20-GP6 Datasheet HTML 67Page - STMicroelectronics ST20-GP6 Datasheet HTML 68Page - STMicroelectronics ST20-GP6 Datasheet HTML 69Page - STMicroelectronics ST20-GP6 Datasheet HTML 70Page - STMicroelectronics ST20-GP6 Datasheet HTML 71Page - STMicroelectronics ST20-GP6 Datasheet HTML 72Page - STMicroelectronics ST20-GP6 Datasheet HTML 73Page - STMicroelectronics ST20-GP6 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 123 page
background image
ST20-GP6
70/123
12 Real time clock and watchdog timer
This chapter specifies the real time clock-calendar (RTC) and watchdog timer (WDT) module for
the ST20-GP6.
The RTC provides a set of continuously running counters which can be used, with suitable soft-
ware, to provide a clock-calendar function. The counter values can be written to set the current
time/data. The RTC is clocked by the 32,768 Hz low power clock input and has a separate power
supply so that it can continue to run when the rest of the chip is powered down.
The WDT provides a fail-safe mechanism to reset the chip if the software fails to clear a counter
within a given period.
12.1 Power supplies
There are two supply voltages to the ST20-GP6, these are: the normal operating supply,
VDD, and
the battery back-up supply,
RTCVDD.
The RTC/WDT and the oscillator are powered by
RTCVDD to enable the RTC contents to be main-
tained at minimal power consumption.
12.2 Real time clock
The RTC contains two counters: a 30 bit milliseconds counter and a 16 bit weeks counter. This
allows large time values to be represented to high accuracy.
These counters are not reset as the RTC must run continuously.
12.2.1 RTC counters
The milliseconds counter increments at 1.024KHz. Thus, the value does not actually represent mil-
liseconds — this must be taken into account by any software using it. The milliseconds counter is
modulo the number of milliseconds in 1 week, or 619,315,200 — i.e. 1024 (one second) X 60 (one
minute) X 60 (one hour) X 24 (one day) X 7 (one week).
The weeks counter is incremented when the milliseconds counter wraps around from 619,315,199
to 0. This is a 16 bit counter; the GPS epoch is only defined up to 210 weeks, so having extra bits
here allows the system to handle times later than this.
The current value of both counters can be read at any time by the CPU, but care must be taken to
handle the end of week carry occurring between two reads.
12.3 Watchdog timer
The WDT has a counter, clocked to give a nominal 2 second delay. This counter is periodically
cleared, under software control, as described below. If the software fails to clear the counter within
the 2 second period then a watchdog reset signal (
notWdReset) is generated to reset the chip.
A status flag is set by a watchdog reset. This can be used to indicate to application code that the
system was reset by the watchdog timer. This status bit is reset
only by the
notRST input to the
chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com