| Electronic Components Datasheet Search |
|
ST20-GP6 Datasheet(PDF) 80 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST20-GP6 Datasheet(HTML) 80 Page - STMicroelectronics |
|
80 / 123 page ![]() ST20-GP6 80/123 : Figure 14.2 Message formats 14.5 Peeking and poking the host from the target The target CPU can peek and poke the host via the diagnostic controller. This is done by reading or writing a single word to a block of addresses within the DCU register block. The DCU will then send a peek or poke message to the host. After a host peek, the target CPU will wait until the host responds with a peeked message, which the DCU returns to the CPU as memory read data. Peeking and poking the host from the target can be enabled or disabled. After reset, these bits are cleared, so peek and poke from the target are disabled. 14.6 Abortable instructions 14.6.1 Properties of the hardware implementation In the ST20-C2 core, some instructions are abortable, i.e. they may be “started” more than once. In the instruction set chapter, abortable instructions are marked with an ‘A’ in the notes column, indi- cating that the instruction can be aborted and later restarted. The breakpoint mechanism in the DCU, follows the CPU behavior, and takes a trap in place of starting an instruction with an Iptr which matches. Care is taken in the hardware to ensure that any interrupts which might have occurred following the preceding instruction are allowed in, and the trap is taken only if the CPU was about to start the instruction with an Iptr which matches. If the DCU is programmed to break on an instruction, then normally, following the trap return instruction, that instruction is executed. In this scenario, all instructions should be considered as abortable. If an interrupt occurs between the end of the trap handler and the start of the instruction, then when the interrupt completes the DCU will again trap on that instruction (if the breakpoint is repeatable). The user needs to be aware that setting a breakpoint on a given instruction may break more than once on the same instruction in the same thread. Poke Command messages Response messages Address First data word Second data word Peek Address Peeked First data word Second data word Third data word Triggered Header Header Header Header |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |