Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP6 Datasheet(PDF) 40 Page - STMicroelectronics

Part # ST20-GP6
Description  GPS PROCESSOR
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP6 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ST20-GP6 Datasheet HTML 36Page - STMicroelectronics ST20-GP6 Datasheet HTML 37Page - STMicroelectronics ST20-GP6 Datasheet HTML 38Page - STMicroelectronics ST20-GP6 Datasheet HTML 39Page - STMicroelectronics ST20-GP6 Datasheet HTML 40Page - STMicroelectronics ST20-GP6 Datasheet HTML 41Page - STMicroelectronics ST20-GP6 Datasheet HTML 42Page - STMicroelectronics ST20-GP6 Datasheet HTML 43Page - STMicroelectronics ST20-GP6 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 123 page
background image
ST20-GP6
40/123
7
Instruction set
This chapter provides information on the ST20-C2 instruction set. It contains tables listing all the
instructions, and where applicable provides details of the number of processor cycles taken by an
instruction.
The instruction set has been designed for simple and efficient compilation of high-level languages.
All instructions have the same format, designed to give a compact representation of the operations
occurring most frequently in programs.
Each instruction consists of a single byte divided into two 4-bit parts. The four most significant bits
(MSB) of the byte are a function code and the four least significant bits (LSB) are a data value, as
shown in Figure 7.1.
Figure 7.1 Instruction format
For further information on the instruction set refer to the
ST20C2/C4 Instruction Set Manual (docu-
ment number 72-TRN-273).
7.1
Instruction cycles
Timing information is available for some instructions. However, it should be noted that many
instructions have ranges of timings which are data dependent.
Where included, timing information is based on the number of clock cycles assuming any memory
accesses are to 2 cycle internal memory and no other subsystem is using memory. Actual time will
be dependent on the speed of external memory and memory bus availability.
Note that the actual time can be increased by:
1
the instruction requiring a value on the register stack from the final memory read in the pre-
vious instruction – the current instruction will stall until the value becomes available.
2
the first memory operation in the current instruction can be delayed while a preceding
memory operation completes - any two memory operations can be in progress at any time,
any further operation will stall until the first completes.
3
memory operations in current instructions can be delayed by access by instruction fetch or
subsystems to the memory interface.
4
there can be a delay between instructions while the instruction fetch unit fetches and par-
tially decodes the next instruction – this will be the case whenever an instruction causes the
instruction flow to jump.
Note that the instruction timings given refer to ‘standard’ behavior and may be different if, for exam-
ple, traps are set by the instruction.
Function
Data
74 3
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com