Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP6 Datasheet(PDF) 68 Page - STMicroelectronics

Part # ST20-GP6
Description  GPS PROCESSOR
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP6 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ST20-GP6 Datasheet HTML 64Page - STMicroelectronics ST20-GP6 Datasheet HTML 65Page - STMicroelectronics ST20-GP6 Datasheet HTML 66Page - STMicroelectronics ST20-GP6 Datasheet HTML 67Page - STMicroelectronics ST20-GP6 Datasheet HTML 68Page - STMicroelectronics ST20-GP6 Datasheet HTML 69Page - STMicroelectronics ST20-GP6 Datasheet HTML 70Page - STMicroelectronics ST20-GP6 Datasheet HTML 71Page - STMicroelectronics ST20-GP6 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 123 page
background image
ST20-GP6
68/123
Note, setting the
LPTimerStart register to zero does not stop the timer.
Table 11.3
LPTimerStart register format
LPAlarmLS and LPAlarmMS
The
LPAlarmLS and LPAlarmMS registers are the least significant word and most significant word
of the
LPAlarm register. This is used to program the low power alarm.
Table 11.4
LPAlarmLS register format
Table 11.5
LPAlarmMS register format
LPAlarmStart
A write to the
LPAlarmStart register starts the low power alarm counter. The counter is stopped
and the
LPStart register reset if either counter word (LPTimerLS and LPTimerMS) is written.
Table 11.6
LPAlarmStart register format
LPSysPll
The
LPSysPll register controls the System Clock PLL operation when low power mode is entered.
This allows a compromise between wake-up time and power consumption during stand-by.
Table 11.7
LPSysPll register format
LPTimerStart
LPC base address + #408
Write
Bit
Bit field
Function
0
LPTimerStart
A write to this bit starts the low power timer counter.
LPAlarmLS
LPC base address + #410
Read/Write
Bit
Bit field
Function
31:0
LPAlarmLS
Least significant word of the low power alarm.
LPAlarmMS
LPC base address + #414
Read/Write
Bit
Bit field
Function
7:0
LPAlarmMS
Most significant word of the low power alarm.
LPAlarmStart
LPC base address + #418
Write
Bit
Bit field
Function
0
LPAlarmStart
A write to this bit starts the low power alarm counter.
LPSysPll
LPC base address + #420
Read/Write
Bit
Bit field
Function
1:0
LPSysPll
Determines the system clock PLL when low power mode is entered, as follows:
LPSysPll1:0
System clock
00
PLL off
01
PLL reference on and power on
10
PLL reference on and power on
11
PLL on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com