Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP6 Datasheet(PDF) 38 Page - STMicroelectronics

Part # ST20-GP6
Description  GPS PROCESSOR
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP6 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button ST20-GP6 Datasheet HTML 34Page - STMicroelectronics ST20-GP6 Datasheet HTML 35Page - STMicroelectronics ST20-GP6 Datasheet HTML 36Page - STMicroelectronics ST20-GP6 Datasheet HTML 37Page - STMicroelectronics ST20-GP6 Datasheet HTML 38Page - STMicroelectronics ST20-GP6 Datasheet HTML 39Page - STMicroelectronics ST20-GP6 Datasheet HTML 40Page - STMicroelectronics ST20-GP6 Datasheet HTML 41Page - STMicroelectronics ST20-GP6 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 123 page
background image
ST20-GP6
38/123
InputInterrupts register
The
InputInterrupts register is a read only register. It contains a vector which shows all of the input
interrupts, so bit 0 of the read data corresponds to
InterruptIn0, bit 1 corresponds to InterruptIn1.
Low power controller support registers
The interrupt level controller has 2 additional registers to support the low power controller (see
Chapter 11 on page 66). The external interrupts can be used to provide a wake-up from power-
down mode.
The
IntLPEnable register can be programmed for each interrupt to cause the interrupt to wake-up
the ST20-GP6 from power-down mode. The wake-up occurs when the interrupt goes either high or
low, depending on the setting of the respective bit in the
IntActiveHigh register.
IntLPEnable
The
IntLPEnable register can be set to enable a wake-up from power-down mode when the inter-
rupt occurs.
IntPriority
Interrupt level controller base address + #00 to #1C
Read/Write
Bit
Bit field
Function
2:0
IntPriority
Determines the priority of each interrupt input.
IntPriority2:0
Asserts output interrupt
000
0 (lowest priority)
001
1
010
2
011
3
100
4
101
5
110
6
111
7 (highest priority)
Table 6.2
IntPriority register format - 1 register per interrupt
Inputinterrupts
Interrupt level controller base address + #48
Read only
Bit
Bit field
Function
1:0
InterruptIn-0
Input interrupt levels.
Table 6.3
InputInterrupts register format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com