Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP6 Datasheet(PDF) 92 Page - STMicroelectronics

Part # ST20-GP6
Description  GPS PROCESSOR
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP6 Datasheet(HTML) 92 Page - STMicroelectronics

Back Button ST20-GP6 Datasheet HTML 88Page - STMicroelectronics ST20-GP6 Datasheet HTML 89Page - STMicroelectronics ST20-GP6 Datasheet HTML 90Page - STMicroelectronics ST20-GP6 Datasheet HTML 91Page - STMicroelectronics ST20-GP6 Datasheet HTML 92Page - STMicroelectronics ST20-GP6 Datasheet HTML 93Page - STMicroelectronics ST20-GP6 Datasheet HTML 94Page - STMicroelectronics ST20-GP6 Datasheet HTML 95Page - STMicroelectronics ST20-GP6 Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 123 page
background image
ST20-GP6
92/123
ASCIntEnable register
The
ASCIntEnable register enables a source of interrupt.
Interrupts will occur when a status bit in the
ASCStatus register is 1, and the corresponding bit in
the
ASCIntEnable register is 1.*
ASCIntEnable
ASC base address + #10
Read/Write
Bit
Bit field
Function
0
RxBufFullIE
Receiver buffer full interrupt enable
1
TxEmptyIE
Transmitter empty interrupt enable
2
TxHalfEmptyIE
Transmitter buffer half empty interrupt enable
3
ParityErrorIE
Parity error interrupt enable
4
FrameErrorIE
Framing error interrupt enable
5
OverrunErrorIE
Overrun error interrupt enable
6
TimeoutNotEmpty
IE
Timeout not empty interrupt enable
7
TimeoutIdleIE
Timeout idle interrupt enable
8
RxHalfFullIE
Receiver buffer half full interrupt enable
15:9
RESERVED. Write 0, will read back 0.
Table 15.5
ASCIntEnable register format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com