Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP6 Datasheet(PDF) 34 Page - STMicroelectronics

Part # ST20-GP6
Description  GPS PROCESSOR
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP6 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button ST20-GP6 Datasheet HTML 30Page - STMicroelectronics ST20-GP6 Datasheet HTML 31Page - STMicroelectronics ST20-GP6 Datasheet HTML 32Page - STMicroelectronics ST20-GP6 Datasheet HTML 33Page - STMicroelectronics ST20-GP6 Datasheet HTML 34Page - STMicroelectronics ST20-GP6 Datasheet HTML 35Page - STMicroelectronics ST20-GP6 Datasheet HTML 36Page - STMicroelectronics ST20-GP6 Datasheet HTML 37Page - STMicroelectronics ST20-GP6 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 123 page
background image
ST20-GP6
34/123
TriggerMode register
Each interrupt channel can be programmed to trigger on rising/falling edges or high/low levels on
the external
Interrupt.
Note, level triggering is different to edge triggering in that if the input is held at the triggering level, a
continuous stream of interrupts is generated.
Mask register
An interrupt mask register is provided in the interrupt controller to selectively enable or disable
external interrupts. This mask register also includes a global interrupt disable bit to disable all
external interrupts whatever the state of the individual interrupt mask bits.
To complement this the interrupt controller also includes an interrupt pending register which con-
tains a pending flag for each interrupt channel. The
Mask register performs a masking function on
the
Pending register to give control over what is allowed to interrupt the CPU while retaining the
ability to continually monitor external interrupts.
On start-up, the
Mask register is initialized to zeros, thus all interrupts are disabled, both globally
and individually. Whena1iswritten to the
GlobalEnable bit, the individual interrupt bits are still
disabled and must also have a 1 individually written to the
InterruptEnable bit to enable the
respective interrupt.
The
Mask register is mapped onto two additional addresses so that bits can be set or cleared indi-
vidually.
TriggerMode
Interrupt controller base address + #40 to #5C
Read/Write
Bit
Bit field
Function
2:0
Trigger
Control the triggering condition of the
Interrupt, as follows:
Trigger2:0
Interrupt triggers on
000
No trigger mode
001
High level - triggered while input high
010
Low level - triggered while input low
011
Rising edge - low to high transition
100
Falling edge - high to low transition
101
Any edge - triggered on rising and falling edges
110
No trigger mode
111
No trigger mode
Table 5.2
TriggerMode register format - one register per interrupt
Mask
Interrupt controller base address + #C0
Read/Write
Bit
Bit field
Function
7:0
Interrupt7:0Enable
When set to 1, interrupt is enabled. When 0, interrupt is disabled.
16
GlobalEnable
When set to 1, the setting of the interrupt is determined by the specific
InterruptEnable bit. When 0, all interrupts are disabled.
15:8
Reserved, write 0.
Table 5.3
Mask register format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com