Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP6 Datasheet(PDF) 94 Page - STMicroelectronics

Part # ST20-GP6
Description  GPS PROCESSOR
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP6 Datasheet(HTML) 94 Page - STMicroelectronics

Back Button ST20-GP6 Datasheet HTML 90Page - STMicroelectronics ST20-GP6 Datasheet HTML 91Page - STMicroelectronics ST20-GP6 Datasheet HTML 92Page - STMicroelectronics ST20-GP6 Datasheet HTML 93Page - STMicroelectronics ST20-GP6 Datasheet HTML 94Page - STMicroelectronics ST20-GP6 Datasheet HTML 95Page - STMicroelectronics ST20-GP6 Datasheet HTML 96Page - STMicroelectronics ST20-GP6 Datasheet HTML 97Page - STMicroelectronics ST20-GP6 Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 123 page
background image
ST20-GP6
94/123
16 Parallel input/output
The ST20-GP6 device has 16 bits of Parallel Input/Output (PIO), configured in groups (ports) of
eight bits. Each bit is programmable as an output, an input, or a bidirectional pin.
Each group of eight input bits can also be compared against a register and an interrupt generated
when the value is not equal.
Each of the groups of eight bits operates as described in the following section.
16.1 PIO Ports0-1
Each of the eight bits of a PIO port has a corresponding bit in the PIO registers associated with
each port. These registers hold: output data for the port (
POut); the input data read from the pin
(
PIn); PIO bit configuration register (PC1); and the two input compare function registers (PComp
and
PMask).
All of the registers, except the
PIn registers, are each mapped onto two additional addresses so
that bits can be set or cleared individually.
The
Set_ register allows bits to be set individually. Writing a ‘1’ in this register sets the correspond-
ing bit in the associated register, a ‘0’ leaves the bit unchanged.
The
Clear_ register allows bits to be cleared individually. Writing a ‘1’ in this register resets the cor-
responding bit in the associated register, a ‘0’ leaves the bit unchanged.
16.1.1 PIO Data registers
The base addresses for the
PIO registers are given in the memory map.
Note that during reset all the registers are reset to '00000000'.
POut register
This register holds output data for the port.
PIn register
The data read from this register will give the logic level present on an input pin of the port at the
start of the read cycle to this register. The read data will be the last value written to the register
regardless of the pin configuration selected.
POut
PIO base address + #00
Read/Write
Bit
Bit field
Function
7:0
POut7:0
Bits 0 to 7 of output data for the port.
Table 16.1
POut register format - 1 register per port
PIn
PIO base address + #10
Read only
Bit
Bit field
Function
7:0
PIn7:0
Bits 0 to 7 of input data for the port.
Table 16.2
PIn register format - 1 register per port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com