Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP6 Datasheet(PDF) 95 Page - STMicroelectronics

Part # ST20-GP6
Description  GPS PROCESSOR
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP6 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button ST20-GP6 Datasheet HTML 91Page - STMicroelectronics ST20-GP6 Datasheet HTML 92Page - STMicroelectronics ST20-GP6 Datasheet HTML 93Page - STMicroelectronics ST20-GP6 Datasheet HTML 94Page - STMicroelectronics ST20-GP6 Datasheet HTML 95Page - STMicroelectronics ST20-GP6 Datasheet HTML 96Page - STMicroelectronics ST20-GP6 Datasheet HTML 97Page - STMicroelectronics ST20-GP6 Datasheet HTML 98Page - STMicroelectronics ST20-GP6 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 123 page
background image
ST20-GP6
95/123
16.1.2 PIO bit configuration register
The
PC1 register is used to configure each of the PIO port bits as an input or output. Writing a 0
configures the bit as an input, a 1 configures the bit as an output.
16.1.3 PIO Input compare and Compare mask registers
The Input compare register (
PComp) holds the value to which the input data from the PIO ports
pins will be compared. If any of the input bits are different from the corresponding bits in the
PComp register and the corresponding bit position in the PIO Compare mask register (PMask)is
set to 1, then the internal interrupt signal for the port will be set to 1.
The compare function is sensitive to changes in levels on the pins and so the change in state on
the input pin must be greater in duration than the interrupt response time for the compare to be
seen as a valid interrupt by an interrupt service routine.
Note that the compare function is operational in all configurations for a PIO bit including the alter-
nate function modes.
PC1
PIO port base address + #30
Read/Write
Bit
Bit field
Function
7:0
ConfigData7:0
Configures the PIO bit as an input or an output.
0
input
1
output
Table 16.3
PC1 register format
PComp
PIO base address + #50
Read/Write
Bit
Bit field
Function
7:0
PComp7:0
Bit 0 to 7 value to which the input data from the PIO port pins will be
compared.
Table 16.4
PComp register format - 1 register per port
PMask
PIO base address + #60
Read/Write
Bit
Bit field
Function
7:0
PMask7:0
When set to 1, the compare function for the internal interrupt for the port is
enabled. If the respective bit (0 to 7) of the input is different to the respective
PComp7:0 bit in the PComp register, then an interrupt is generated.
Table 16.5
PMask register format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com