Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP6 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST20-GP6
Description  GPS PROCESSOR
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP6 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST20-GP6 Datasheet HTML 6Page - STMicroelectronics ST20-GP6 Datasheet HTML 7Page - STMicroelectronics ST20-GP6 Datasheet HTML 8Page - STMicroelectronics ST20-GP6 Datasheet HTML 9Page - STMicroelectronics ST20-GP6 Datasheet HTML 10Page - STMicroelectronics ST20-GP6 Datasheet HTML 11Page - STMicroelectronics ST20-GP6 Datasheet HTML 12Page - STMicroelectronics ST20-GP6 Datasheet HTML 13Page - STMicroelectronics ST20-GP6 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 123 page
background image
ST20-GP6
10/123
•
Power to most of the chip removed — only the real time clock supply (
RTCVDD) power on.
In power-down mode the processor and all peripherals are stopped, including the external memory
controller and optionally the PLL. Effectively the internal clock is stopped and functional operation
is stalled. On restart the clock is restarted and the chip resumes normal functional operation.
Serial communications
The
ST20-GP6
has
two
UARTs
(Asynchronous
Serial
Controllers
(ASCs))
for
serial
communication. The UARTs provide an asynchronous serial interface and can be programmed to
support a range of baud rates and data formats, for example, data size, stop bits and parity.
Interrupt subsystem
The ST20-GP6 interrupt subsystem supports eight prioritized interrupts. Four interrupts are
connected to on-chip peripherals (2 for the UARTs, 2 for the programmable IO), two are available
as external interrupt pins and two are spare.
Each interrupt level has a higher priority than the previous and each level supports only one
software handler process.
Note that interrupt handlers must not prevent the GPS DSP data traffic from being handled. During
continuous operation this has 1 ms latency and is not a problem, but during initial acquisition it has
a 32
µs rate and thus all interrupts must be disabled except if used to stop GPS operation.
Parallel IO module
Sixteen bits of parallel IO are provided. Each bit is programmable as an output or an input. Edge
detection logic is provided which can generate an interrupt on any change of an input bit.
JTAG Test Access Port
The Test Access Port (TAP) supports the IEEE 1149.1 JTAG test standard.
Diagnostic controller
The diagnostic controller is a programmable module which connects directly into the CPU. It can be
accessed by the TAP. This allows debugging systems to be used which do not affect CPU
performance or intrude into application code. Debugging support includes:
•
hardware breakpoint and watchpoint
•
real time trace
•
external LSA triggering support
It is also used to provide system services, including booting the CPU.
System services module
The ST20-GP6 system services module includes:
•
reset and initialization port.
•
phase locked loop (PLL) — accepts 16.368 MHz input and generates all the internal high
frequency clocks needed for the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com