Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST20-GP6 Datasheet(PDF) 32 Page - STMicroelectronics

Part # ST20-GP6
Description  GPS PROCESSOR
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20-GP6 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ST20-GP6 Datasheet HTML 28Page - STMicroelectronics ST20-GP6 Datasheet HTML 29Page - STMicroelectronics ST20-GP6 Datasheet HTML 30Page - STMicroelectronics ST20-GP6 Datasheet HTML 31Page - STMicroelectronics ST20-GP6 Datasheet HTML 32Page - STMicroelectronics ST20-GP6 Datasheet HTML 33Page - STMicroelectronics ST20-GP6 Datasheet HTML 34Page - STMicroelectronics ST20-GP6 Datasheet HTML 35Page - STMicroelectronics ST20-GP6 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 123 page
background image
ST20-GP6
32/123
The interrupt routine is initialized with space below
Wptr. The Iptr and Status word for the routine
are stored there permanently. This should be programmed before the
Wptr is written into the vector
table. The behavior of the interrupt differs depending on the priority of the CPU when the interrupt
occurs.
When an interrupt occurs when the CPU was running at high priority, and the interrupt is set at a
higher priority than the high priority process queue, the CPU saves the current process state
(
Areg, Breg, Creg, Wptr, Iptr and Status) into the workspace of the interrupt handler. The value
HandlerWptr, which is stored in the interrupt controller, points to the top of this workspace. The
values of
Iptr and Status to be used by the interrupt handler are loaded from this workspace and
starts executing the handler. The value of
Wptr is then set to the bottom of this save area.
When an interrupt occurs when the CPU was running at high priority, and the interrupt is set at a
lower priority than the high priority process queue, no action is taken and the interrupt waits in a
queue until all higher priority interrupts have been serviced (see section 5.4).
Interrupts always take priority over low priority processes. When an interrupt occurs when the CPU
was idle or running at low priority, the
Status is saved. This indicates that no valid process is run-
ning (Null Status). The interrupted processes (low priority process) state is stored in shadow regis-
ters. This state can be accessed via the
ldshadow (load shadow registers) and stshadow (store
shadow registers) instructions. The interrupt handler is then run at high priority.
When the interrupt routine has completed it must adjust
Wptr to the value at the start of the han-
dler code and then execute the
iret (interrupt return) instruction. This restores the interrupted state
from the interrupt handler structure and signals to the interrupt controller that the interrupt has
completed. The processor will then continue from where it was before being interrupted.
5.3
Interrupt latency
The interrupt latency is dependent on the data being accessed and the position of the interrupt
handler and the interrupted process. This allows systems to be designed with the best trade-off use
of fast internal memory and interrupt latency.
5.4
Preemption and interrupt priority
Each interrupt channel has an implied priority fixed by its place in the interrupt vector table. All
interrupts will cause scheduled processes of lower priority to be suspended and the interrupt han-
dler started. Once an interrupt has been sent from the controller to the CPU the controller keeps a
record of the current executing interrupt priority. This is only cleared when the interrupt handler
executes a return from interrupt (
iret) instruction. Interrupts of a lower priority arriving will be
blocked by the interrupt controller until the interrupt priority has descended to such a level that the
routine will execute. An interrupt of a higher priority than the currently executing handler will be
passed to the CPU and cause the current handler to be suspended until the higher priority interrupt
is serviced.
In this way interrupts can be nested and a higher priority interrupt will always pre-empt a lower pri-
ority one. Deep nesting and placing frequent interrupts at high priority can result in a system where
low priority interrupts are never serviced or the controller and CPU time are consumed in nesting
interrupt priorities and not executing the interrupt handlers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com