Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 142 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 142 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 138Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 139Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 140Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 141Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 142Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 143Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 144Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 145Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 146Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
142
Confidential
21 TEST SIGNALS
21.1 General
The CL RC632 allows different kind of signal measurements. These measurements can be used to check
the internally generated and received signals using the possibilities of the serial signal switch as described in
chapter 15.
Furthermore, with the CL RC632 the user may select internal analogue signals to measure them at pin AUX
and internal digital signals to observe them on pin MFOUT by register selections. These measurements can
be helpful during the design-in phase to optimise the receiver’s behaviour or for test purpose.
21.2 Measurements Using the Serial Signal Switch
Using the serial signal switch at pin MFOUT the user may observe data send to the card or data received
from the card. The following tables give an overview of the different signals available.
SignalToMFOUT
MFOUTSelect
Signal routed to MFOUT pin
0
0
LOW
0
1
HIGH
0
2
Envelope
0
3
Transmit NRZ
0
4
Manchester with Subcarrier
0
5
Manchester
0
6
RFU
0
7
RFU
1
X
Digital Test signal
Table 21-1 Signal routed to MFOUT pin
Note: The routing of the Manchester and the Manchester with Subcarrier signal to the MFOUT is only
possible at 106 kbaud according to ISO14443A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com