Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 143 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 143 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 139Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 140Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 141Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 142Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 143Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 144Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 145Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 146Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 147Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
143
Confidential
21.2.1 TX-CONTROL
The following plot shows as an example an ISO14443 A related communication.
The signal measured at MFOUT using the serial signal switch to control the data sent to the card .Setting the
flag MFOUTSelect to 3 data sent to the card is shown NRZ coded. MFOUTSelect set to 2 shows the Miller
coded signal.
The RFOut signal is measured directly on the antenna showing the pulse shape of the RF signal. For detail
information concerning the pulse of the RF signal please refer to the application note ‘MIFARE® Design of
MF RC 500 Matching Circuits and Antennas’
MFOUTSelect
=3
Serial data
Stream
2V/Div.
MFOUTSelect
=2
Serial data
Stream
2V/Div.
RFout
1V/Div.
Figure 21 TX Control Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com