Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 145 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 145 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 141Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 142Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 143Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 144Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 145Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 146Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 147Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 148Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 149Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
145
Confidential
21.3 Analog Test-Signals
The analog test signals may be routed to pin AUX by selecting them with the register bits TestAnaOutSel.
Value
Signal Name
Description
0
Vmid
Voltage at internal node Vmid
1
Vbandgap
Internal reference voltage generated by the band gap.
2
VRxFollI
Output signal from the demodulator using the I-clock.
3
VRxFollQ
Output signal from the demodulator using the Q-clock.
4
VRxAmpI
I-channel subcarrier signal amplified and filtered.
5
VRxAmpQ
Q-channel subcarrier signal amplified and filtered.
6
VCorrNI
Output signal of N-channel correlator fed by the I-channel subcarrier
signal.
7
VCorrNQ
Output signal of N-channel correlator fed by the Q-channel subcarrier
signal.
8
VCorrDI
Output signal of D-channel correlator fed by the I-channel subcarrier
signal.
9
VCorrDQ
Output signal of D-channel correlator fed by the Q-channel subcarrier
signal.
A
VEvalL
Evaluation signal from the left half bit.
B
VEvalR
Evaluation signal from the right half bit.
C
VTemp
Temperature voltage derived from band gap.
D
rfu
Reserved for future use
E
rfu
Reserved for future use
F
rfu
Reserved for future use
Table 21-2: Analog Test Signal Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com