Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 149 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 149 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 145Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 146Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 147Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 148Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 149Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 150Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 151Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 152Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 153Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
149
Confidential
22 ELECTRICAL CHARACTERISTICS
22.1 Absolute Maximum Ratings
SYMBOL
PARAMETER
MIN
MAX
UNIT
Tamb,abs
Ambient or Storage Temperature Range
-40
+150
°C
DVDD
AVDD
TVDD
DC Supply Voltages
-0.5
6
V
Vin,abs
Absolute voltage on any digital pin to DVSS
-0.5
DVDD + 0.5
V
VRX,abs
Absolute voltage on RX pin to AVSS
-0.5
AVDD + 0.5
V
Table 22-1: Absolute Maximum Ratings
22.2 Operating Condition Range
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Tamb
Ambient Temperature
-
-25
+25
+85
°C
3.0
3.3
3.6
V
DVDD
Digital Supply Voltage
DVSS = AVSS = TVSS = 0V
4.5
5.0
5.5
V
AVDD
Analog Supply Voltage
DVSS = AVSS = TVSS = 0V
4.5
5.0
5.5
V
TVDD
Transmitter Supply Voltage
DVSS = AVSS = TVSS = 0V
3.0
5.0
5.5
V
Table 22-2: Operating Condition Range
22.3 Current Consumption
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Idle Command
6
9
mA
Stand By Mode
3
5
mA
Soft Power Down Mode
800
1000
µA
IDVDD
Digital Supply Current
Hard Power Down Mode
1
10
µA
Idle Command, Receiver On
25
40
mA
Idle Command, Receiver Off
8
12
mA
Stand By Mode
6.5
9
mA
Soft Power Down Mode
1
10
µA
IAVDD
Analog Supply Current
Hard Power Down Mode
1
10
µA
Continuous Wave
150
mA
TX1 and TX2 unconnected
TX1RFEn, TX2RFEn = 1
4.5
6
mA
ITVDD
Transmitter Supply Current
TX1 and TX2 unconnected
TX1RFEn, TX2RFEn = 0
65
130
µA
Table 22-3: Current Consumption



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com