Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 151 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 151 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 147Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 148Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 149Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 150Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 151Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 152Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 153Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 154Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 155Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
151
Confidential
22.4.2 DIGITAL OUTPUT PIN CHARACTERISTICS
Pins D0 to D7, MFOUT and IRQ have CMOS output characteristics and behave as defined in the following
table.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
DVDD = 5 V, IOH = -1 mA
2.4
4.9
V
VOH
Output Voltage HIGH
DVDD = 5 V, IOH = -10 mA
2.4
4.2
V
DVDD = 5 V, IOL = 1 mA
25
400
mV
VOL
Output Voltage LOW
DVDD = 5 V, IOL = 10 mA
250
400
mV
IO
Output Current source or sink
DVDD = 5 V
10
mA
Table 22-8: Digital Output Pin Characteristics
Note: IRQ pin may also be configured as open collector. In that case the values for VOH do not apply.
22.4.3 ANTENNA DRIVER OUTPUT PIN CHARACTERISTICS
The source conductance of the antenna driver pins TX1 and TX2 for driving the HIGH level can be
configured via GsCfgCW in the CwConductance Register, while their source conductance for driving the
LOW level is constant.
For the default configuration, the output characteristic is specified below:
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
TVDD = 5.0 V, IOL = 20 mA
4.97
V
VOH
Output Voltage HIGH
TVDD = 5.0 V, IOL = 100 mA
4.85
V
TVDD = 5.0 V, IOL = 20 mA
30
mV
VOL
Output Voltage LOW
TVDD = 5.0 V, IOL = 100 mA
150
mV
ITX
Transmitter Output Current
Continuous Wave
200
mApeak
Table 22-9: Antenna Driver Output Pin Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com