Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 154 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 154 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 150Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 151Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 152Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 153Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 154Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 155Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 156Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 157Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 158Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
154
Confidential
22.5.2.2 Bus Timing for Common Read/Write Strobe
SYMBOL
PARAMETER
MIN
MAX
UNIT
tLHLL
AS pulse width
20
ns
tAVLL
Multiplexed Address Bus valid to AS low (Address Set Up Time)
15
ns
tLLAX
Multiplexed Address Bus valid after AS low (Address Hold Time)
8
ns
tLLSL
AS low to NDS low
15
ns
tCLSL
NCS low to NDS low
0
ns
tSHCH
NDS high to NCS high
0
ns
tSLDV,R
NDS low to DATA valid (for read cycle)
65
ns
tSHDZ
NDS low to DATA high impedance (read cycle)
20
ns
tSLDV,W
NDS low to DATA valid (for write cycle)
35
ns
tSHDX
DATA hold after NDS high (write cycle, Hold Time)
8
ns
tSHRX
R/NW hold after NDS high
8
ns
tSLSH
NDS pulse width
65
ns
tAVSL
Separated Address Bus valid to NDS low (Hold Time)
30
ns
tSHAX
Separated Address Bus valid after NDS high (Set Up Time)
8
ns
tSHSL
period between sequenced read/write accesses
150
ns
tRVSL
R/NW valid to NDS low
8
ns
Table 22-11: Timing Specification for Common Read/Write Strobe
Note: For separated address and data bus the signal ALE is not relevant and the multiplexed addresses on the data bus don’t
care. For the multiplexed address and data bus the address lines A0 to A2 have to be connected as described in 4.3.
t
AVLL
ALE
t
LHLL
NCS
t
CLSL
t
SHDX
t
SHDZ
D0 ... D7
D0 ... D7
t
SLDV,R
t
SLDV,W
t
LLAX
t
SHSL
NDS
t
SLSH
t
LLSL
t
SHSL
A0 ... A2
t
AVSL
Multiplexed Addressbus
A0 ... A2
t
SHAX
Separated Addressbus
A0 ... A2
t
RVSL
R/NW
t
SHCH
t
SHRX
Figure 22-2: Timing Diagram for Common Read/Write Strobe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com