Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 150 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 150 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 146Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 147Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 148Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 149Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 150Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 151Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 152Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 153Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 154Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
150
Confidential
22.4 Pin Characteristics
22.4.1 INPUT PIN CHARACTERISTICS
Pins D0 to D7, A0, and A1 have TTL input characteristics and behave as defined in the following table.
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
ILeak
Input Leakage Current
-1.0
+1.0
µA
CMOS: DVDD < 3.6 V
0.35 DVDD
0.65 DVDD
V
VT
Threshold
TTL: 4.5 < DVDD
0.8
2.0
V
Table 22-4: Standard Input Pin Characteristics
The digital input pins NCS, NWR, NRD, ALE, A2, and MFIN have Schmitt-Trigger characteristics, and
behave as defined in the following table.
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
ILeak
Input Leakage Current
-1.0
+1.0
µA
TTL: 4.5 < DVDD
1.4
2.0
V
VT+
Positive-Going Threshold
CMOS: DVDD < 3.6 V
0.65 DVDD
0.75 DVDD
V
TTL: 4.5 < DVDD
0.8
1.3
V
VT-
Negative-Going Threshold
CMOS: DVDD < 3.6 V
0.25 DVDD
0.4 DVDD
V
Table 22-5: Schmitt-Trigger Input Pin Characteristics
Pin RSTPD has Schmitt-Trigger CMOS characteristics. In addition, it is internally filtered with an RC-low-
pass filter, which causes a relevant propagation delay for the reset signal:
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
ILeak
Input Leakage Current
-1.0
+1.0
µA
VT+
Positive-Going Threshold
CMOS: DVDD < 3.6 V
0.65 DVDD
0.75 DVDD
V
VT-
Negative-Going Threshold
CMOS: DVDD < 3.6 V
0.25 DVDD
0.4 DVDD
V
tRSTPD,p
Propagation Delay
20
µs
Table 22-6: RSTPD Input Pin Characteristics
The analog input pin RX has the following input capacitance:
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
CRX
Input Capacitance
15
pF
Table 22-7: RX Input Capacitance
The analog input pin RX has the following input voltage range:
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VIN,RX
Dynamical Voltage input range
AVDD=5V, T=25°C
1,1V
4,4
V
Table 22-8: RX Input voltage range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com