Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1044AI Datasheet(PDF) 18 Page - Texas Instruments

Part # TUSB1044AI
Description  TUSB1044A USB TYPE-C® 10Gbps Multi-Protocol Bidirectional Linear Redriver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044AI Datasheet(HTML) 18 Page - Texas Instruments

Back Button TUSB1044AI Datasheet HTML 14Page - Texas Instruments TUSB1044AI Datasheet HTML 15Page - Texas Instruments TUSB1044AI Datasheet HTML 16Page - Texas Instruments TUSB1044AI Datasheet HTML 17Page - Texas Instruments TUSB1044AI Datasheet HTML 18Page - Texas Instruments TUSB1044AI Datasheet HTML 19Page - Texas Instruments TUSB1044AI Datasheet HTML 20Page - Texas Instruments TUSB1044AI Datasheet HTML 21Page - Texas Instruments TUSB1044AI Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 66 page
background image
Td_pg
VCC
Internal
Power
Good
Tcfg_su
Tcfg_hd
DISABLED
USB3.1-only
FLIP = 0
If ((CTL[1:0] == 2'b00 | CTL[1:0] == 2'b01) & FLIP == 0 ) {
USB3.1-only no FLIP;
} ELSEIF ((CTL[1:0] == 2'b00 | CTL[1:0] == 2'b01) & FLIP == 1 ) {
USB3.1-only with FLIP;
} ELSEIF (CTL[1:0] == 2'b10 & FLIP == 0) {
4-Lane DP no FLIP;
} ELSEIF (CTL[1:0] == 2'b10 & FLIP == 1) {
4-Lane DP with FLIP;
} ELSEIF (CTL[1:0] == 2'b11 & FLIP == 0) {
2-Lane DP USB3.1 no FLIP;
}ELSE {
2-lane DP USB3.1 with FLIP;
};
CTL[1:0] pins
FLIP pin
CFG pins
In GPIO mode
DISABLED
USB3.1-only
FLIP = 0
In I2C mode
Mode of operation
determined by value of
FLIPSEL bit and CTLSEL[1:0]
bits at offset 0x0A. Default
is USB3.1-only no Flip.
Tctl_db
VCC (min)
Figure 6-8. Power-Up Timing Diagram
TUSB1044A
SLLSG07 – MARCH 2025
www.ti.com
18
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TUSB1044A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com