Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1044AI Datasheet(PDF) 47 Page - Texas Instruments

Part # TUSB1044AI
Description  TUSB1044A USB TYPE-C® 10Gbps Multi-Protocol Bidirectional Linear Redriver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044AI Datasheet(HTML) 47 Page - Texas Instruments

Back Button TUSB1044AI Datasheet HTML 43Page - Texas Instruments TUSB1044AI Datasheet HTML 44Page - Texas Instruments TUSB1044AI Datasheet HTML 45Page - Texas Instruments TUSB1044AI Datasheet HTML 46Page - Texas Instruments TUSB1044AI Datasheet HTML 47Page - Texas Instruments TUSB1044AI Datasheet HTML 48Page - Texas Instruments TUSB1044AI Datasheet HTML 49Page - Texas Instruments TUSB1044AI Datasheet HTML 50Page - Texas Instruments TUSB1044AI Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 66 page
background image
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A12
B2
B3
B4
B5
B6
B7
B8
B9
B10
B11
B12
B1
GND
GND
GND
GND
TXP2
TXN2
VBUS
VBUS
VBUS
VBUS
URXP2
URXN2
SBU1
DN1
DP1
CC1
TXN1
TXP1
URXP1
URXN1
SBU2
CC2
DP2
DN2
DRX2P
DRX2N
DTX2P
DTX2N
DTX1N
DTX1P
DRX1N
DRX1P
SBU1
SBU2
AUXP
AUXN
AUXP
AUXN
DP_PWR (3.3V)
100K
100K
220 nF
220 nF
100 nF
100 nF
220 nF
220 nF
220 nF
220 nF
220 nF
220 nF
220 nF
220 nF
220 nF
USB 3.1/DP1.4
Host
USB Type-C
Receptacle
URX2P
URX2N
UTX2P
UTX2N
UTX1N
UTX1P
URX1N
URX1P
RX2P
RX2N
TX2P
TX2N
TX1N
TX1P
RX1N
RX1P
100nF
10uF
100nF
100nF
100nF
2M
2M
Type-C
PD
Controller
R
3.3V
3.3V
3.3V
3.3V
3.3V
3.3V
R
VI2C
SWAP
3.3V
3.3V
I2C_EN
UEQ0/A0
UEQ1/A1
HPDIN
CFG0
CFG1
DEQ0
DEQ1
SLP_S0#
FLIP/SCL
CTL0/SDA
CTL1
VIO_SEL
GPIO Mode Only Connec ons
3.3 V
3.3V
3.3V
DIR0
DIR1
GPIO/I2C Mode Connec ons
3.3V
220 nF
330 nF
330 nF
330 nF
330 nF
Figure 9-2. Typical Application Circuit
www.ti.com
TUSB1044A
SLLSG07 – MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
47
Product Folder Links: TUSB1044A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com