Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1044AI Datasheet(PDF) 43 Page - Texas Instruments

Part # TUSB1044AI
Description  TUSB1044A USB TYPE-C® 10Gbps Multi-Protocol Bidirectional Linear Redriver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044AI Datasheet(HTML) 43 Page - Texas Instruments

Back Button TUSB1044AI Datasheet HTML 39Page - Texas Instruments TUSB1044AI Datasheet HTML 40Page - Texas Instruments TUSB1044AI Datasheet HTML 41Page - Texas Instruments TUSB1044AI Datasheet HTML 42Page - Texas Instruments TUSB1044AI Datasheet HTML 43Page - Texas Instruments TUSB1044AI Datasheet HTML 44Page - Texas Instruments TUSB1044AI Datasheet HTML 45Page - Texas Instruments TUSB1044AI Datasheet HTML 46Page - Texas Instruments TUSB1044AI Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 66 page
background image
Table 8-9. DisplayPort_2 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
0
DP0_DISABLE
R/W
0h
When AUX_SNOOP_DISABLE = 1b, this field can be used to enable
or disable DP lane 0. When AUX_SNOOP_DISABLE = 0b, changes
to this field have no effect on lane 0 functionality.
0h = DP Lane 0 enabled.
1h = DP Lane 0 disabled.
8.1.8 DFP2_EQ Register (Offset = 20h) [Reset = 00h]
DFP2_EQ is shown in Table 8-10.
Return to the Summary Table.
Table 8-10. DFP2_EQ Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
DTX2EQ_SEL
R/W
0h
Field selects the EQ for the DTX2P/N pins. When EQ_OVERRIDE
= 0b, this field reflects the sampled state of DEQ[1:0] pins. When
EQ_OVERRIDE = 1b, the software can change the EQ setting for
the DTX2P/N pins based on the value written to this field.
3-0
DRX2EQ_SEL
R/W
0h
Field selects the EQ for the DRX2P/N pins. When EQ_OVERRIDE
= 0b, this field reflects the sampled state of DEQ[1:0] pins. When
EQ_OVERRIDE = 1b, the software can change the EQ setting for
the DRX2P/N pins based on the value written to this field.
8.1.9 DFP1_EQ Register (Offset = 21h) [Reset = 00h]
DFP1_EQ is shown in Table 8-11.
Return to the Summary Table.
Table 8-11. DFP1_EQ Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
DTX1EQ_SEL
R/W
0h
Field selects the EQ for the DTX1P/N pins. When EQ_OVERRIDE
= 0b, this field reflects the sampled state of DEQ[1:0] pins. When
EQ_OVERRIDE = 1b, the software can change the EQ setting for
the DTX1P/N pins based on the value written to this field.
3-0
DRX1EQ_SEL
R/W
0h
Field selects the EQ for the DRX1P/N pins. When EQ_OVERRIDE
= 0b, this field reflects the sampled state of DEQ[1:0] pins. When
EQ_OVERRIDE = 1b, the software can change the EQ setting for
the DRX1P/N pins based on the value written to this field.
8.1.10 USB3_MISC Register (Offset = 22h) [Reset = 04h]
USB3_MISC is shown in Table 8-12.
Return to the Summary Table.
Table 8-12. USB3_MISC Register Field Descriptions
Bit
Field
Type
Reset
Description
7
CM_ACTIVE
RH
0h
Compliance mode status.
0h = Not in USB3.2 compliance mode.
1h = In USB3.2 compliance mode.
6
LFPS_EQ
R/W
0h
Controls whether the EQ settings based on URX[2:1]EQ_SEL,
UTX[2:1]EQ_SEL, DRX[2:1]EQ_SEL, and DTX[2:1]EQ_SEL applies
to the received LFPS signal.
0h = EQ set to 0 when receiving LFPS
1h = EQ set by the related registers when receiving LFPS.
www.ti.com
TUSB1044A
SLLSG07 – MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: TUSB1044A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com