Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1044AI Datasheet(PDF) 55 Page - Texas Instruments

Part # TUSB1044AI
Description  TUSB1044A USB TYPE-C® 10Gbps Multi-Protocol Bidirectional Linear Redriver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044AI Datasheet(HTML) 55 Page - Texas Instruments

Back Button TUSB1044AI Datasheet HTML 51Page - Texas Instruments TUSB1044AI Datasheet HTML 52Page - Texas Instruments TUSB1044AI Datasheet HTML 53Page - Texas Instruments TUSB1044AI Datasheet HTML 54Page - Texas Instruments TUSB1044AI Datasheet HTML 55Page - Texas Instruments TUSB1044AI Datasheet HTML 56Page - Texas Instruments TUSB1044AI Datasheet HTML 57Page - Texas Instruments TUSB1044AI Datasheet HTML 58Page - Texas Instruments TUSB1044AI Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 66 page
background image
9.3.7 USB3.2 and 4 Lanes of Custom Alt Mode
USB/Custom
Source
TUSB1044
SBU1
SBU2
DTX1
DTX2
DRX1
DRX2
PD Controller
CC1
CC2
Control
HPD
CTL
FLIP 0 1
PD Controller
D+/-
HPD
Control
AUXn
AUXp
SBU2
SBU1
CTL
FLIP 0 1
TX2
TX1
RX2
RX1
D+/-
CC1
CC2
TUSB1044
UTX1
UTX2
URX1
URX2
DTX1
DTX2
DRX1
DRX2
UTX1
UTX2
URX1
URX2
TX1
TX2
RX1
RX2
DIR1/DIR0/CTL1/CTL0/FLIP = H/L/H/L/L
USB/Custom Source
(4 Lane Custom ± No Flip)
USB/Custom Sink
(4 Lane Custom ± No Flip)
DIR1/DIR0/CTL1/CTL0/FLIP = H/H/H/L/L
LN2
LN1
LN3
LN0
AUXp
AUXn
AUXp
AUXn
SBU1
SBU2
Type-C Cable
LN0
LN3
LN1
LN2
USB/Custom
Sink
HPDIN
HPDIN
SBU1
SBU2
AUXp
AUXn
Figure 9-16. 4-Lane Custom Alternate Mode – No Flip
USB/Custom
Source
TUSB1044
SBU1
DTX1
DTX2
DRX1
DRX2
SBU2
PD Controller
CC1
CC2
Control
HPD
CTL
FLIP 0 1
PD Controller
D+/-
HPD
Control
SBU2
SBU1
CTL
FLIP 0 1
TX2
TX1
RX2
RX1
D+/-
CC1
CC2
TUSB1044
UTX1
UTX2
URX1
URX2
DTX1
DTX2
DRX1
DRX2
UTX1
UTX2
URX1
URX2
TX1
TX2
RX1
RX2
DIR1/DIR0/CTL1/CTL0/FLIP = H/L/H/L/H
USB/Custom Source
(4 Lane Custom ± Flip)
USB/Custom Sink
(4 Lane Custom ± Flip)
DIR1/DIR0/CTL1/CTL0/FLIP = H/H/H/L/H
LN1
LN2
LN0
LN3
AUXp
AUXn
AUXp
AUXn
SBU1
SBU2
Type-C Cable
AUXn
AUXp
LN3
LN0
LN2
LN1
USB/Custom
Sink
HPDIN
HPDIN
SBU2
SBU1
AUXn
AUXp
Figure 9-17. 4-Lane Custom Alternate Mode – With Flip
9.4 Power Supply Recommendations
The TUSB1044A is designed to operate with a 3.3V power supply. Levels above those listed in the Absolute
Maximum Ratings table should not be used. If using a higher voltage system power supply, a voltage regulator
www.ti.com
TUSB1044A
SLLSG07 – MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
55
Product Folder Links: TUSB1044A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com