Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1044AI Datasheet(PDF) 10 Page - Texas Instruments

Part # TUSB1044AI
Description  TUSB1044A USB TYPE-C® 10Gbps Multi-Protocol Bidirectional Linear Redriver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044AI Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB1044AI Datasheet HTML 6Page - Texas Instruments TUSB1044AI Datasheet HTML 7Page - Texas Instruments TUSB1044AI Datasheet HTML 8Page - Texas Instruments TUSB1044AI Datasheet HTML 9Page - Texas Instruments TUSB1044AI Datasheet HTML 10Page - Texas Instruments TUSB1044AI Datasheet HTML 11Page - Texas Instruments TUSB1044AI Datasheet HTML 12Page - Texas Instruments TUSB1044AI Datasheet HTML 13Page - Texas Instruments TUSB1044AI Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
over operating free-air temperature and voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RON_FLAT
ON resistance flatness (RON max – RON
min) measured at identical VCC and
temperature
VCC = 3.3V; VI = 0V to 0.4V for AUXP; VI
= 2.7V to 3.6V for AUXN
1.0
Ω
VAUXP_DC
_CM
AUX Channel DC common-mode voltage
for AUXP and SBU1.
VCC = 3.3V
0
0.4
V
VAUXN_D
C_CM
AUX Channel DC common-mode voltage
for AUXN and SBU2
VCC = 3.3V
2.7
3.6
V
5.6 Timing Requirements
MIN
NOM
MAX
UNIT
I2C Timing
fSCL
I2C clock frequency
1
MHz
tBUF
Bus free time between START and STOP conditions
0.5
µs
tHDSTA
Hold time after repeated START condition. After this period, the first clock
pulse is generated
0.26
µs
tLOW
Low period of the I2C clock
0.5
µs
tHIGH
High period of the I2C clock
0.26
µs
tSUSTA
Setup time for a repeated START condition
0.26
µs
tHDDAT
Data hold time
0
µs
tSUDAT
Data setup time
50
ns
tR
Rise time of both SDA and SCL signals
120
ns
tF
Fall time of both SDA and SCL signals
20 × (VI2C/
5.5V)
120
ns
tSUSTO
Setup time for STOP condition
0.26
µs
CBUS
Capacitive load for each bus line
100
pF
HPDIN and CTL1
tCTL1_DEBO
UNCE
CTL1 and HPDIN debounce time when transitioning from H to L. DP lanes
disabled if low is greater than minimum value.
2.5
ms
USB3.1 and DisplayPort mode transition requirement GPIO mode
tGP_USB_4D
P
Minimum overlap of CTL0 and CTL1 when transitioning from USB 3.1 only
mode to 4-lane DisplayPort mode or vice versa
4
µs
Power-on timings
td_pg
VCC(MIN) to Internal power good asserted high
500
µs
tcfg_su
CFG pins setup
350
µs
tcfg_hd
CFG pin hold
10
µs
tctl_db
CTL[1:0] and FLIP pin debounce
16
ms
tVCC_RAMP VCC supply ramp requirement
0.1
100
ms
5.7 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
USB 3.1
tIDLEEntry Delay from U0 to electrical idle
0.16
ns
tIDLEExit_U
1
U1 exist time: break in electrical idle to
the transmission of LFPS
0.16
ns
tIDLEExit_U
2U3
U2/U3 exit time: break in electrical idle to
transmission of LFPS
5
µs
TUSB1044A
SLLSG07 – MARCH 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TUSB1044A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com