Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1044AI Datasheet(PDF) 13 Page - Texas Instruments

Part # TUSB1044AI
Description  TUSB1044A USB TYPE-C® 10Gbps Multi-Protocol Bidirectional Linear Redriver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044AI Datasheet(HTML) 13 Page - Texas Instruments

Back Button TUSB1044AI Datasheet HTML 9Page - Texas Instruments TUSB1044AI Datasheet HTML 10Page - Texas Instruments TUSB1044AI Datasheet HTML 11Page - Texas Instruments TUSB1044AI Datasheet HTML 12Page - Texas Instruments TUSB1044AI Datasheet HTML 13Page - Texas Instruments TUSB1044AI Datasheet HTML 14Page - Texas Instruments TUSB1044AI Datasheet HTML 15Page - Texas Instruments TUSB1044AI Datasheet HTML 16Page - Texas Instruments TUSB1044AI Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
5.8 Typical Characteristics (continued)
0
200
400
600
800 1000 1200 1400 1600 1800 2000
0
200
400
600
800
1000
1200
1400
1600
D011
EQ 0
EQ 2
EQ 4
EQ 6
EQ 8
EQ 10
EQ 12
EQ 15
4.05GHz
Figure 5-9. Upstream-to-Downstream Linearity Performance at
4.05GHz
Differential Input Voltage (mVpp)
0
200
400
600
800 1000 1200 1400 1600 1800 2000
0
200
400
600
800
1000
1200
1400
1600
D012
EQ 0
100MHz
Figure 5-10. Upstream-to-Downstream Linearity Performance at
100MHz
Source:
Data Rate: 10Gbps; Data Pattern: PRBS7; Swing:
1Vpp
Channel:
Upstream-to-Downstream, 12in 6mil Input PCB
Channel
Settings:
EQ Setting: 8; DC Gain Setting: 0dB; Linear Range
Setting: 1100mVpp
Figure 5-11. Output Eye-Pattern Performance at 10Gbps
Source:
Data Rate: 8.1Gbps; Data Pattern: PRBS7; Swing:
1Vpp
Channel:
Upstream-to-Downstream, 12in 6mil Input PCB
Channel
Settings:
EQ Setting: 7; DC Gain Setting: 0dB; Linear Range
Setting: 1100mVpp
Figure 5-12. Output Eye-Pattern Performance at 8.1Gbps
www.ti.com
TUSB1044A
SLLSG07 – MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TUSB1044A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com