Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1044AI Datasheet(PDF) 11 Page - Texas Instruments

Part # TUSB1044AI
Description  TUSB1044A USB TYPE-C® 10Gbps Multi-Protocol Bidirectional Linear Redriver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044AI Datasheet(HTML) 11 Page - Texas Instruments

Back Button TUSB1044AI Datasheet HTML 7Page - Texas Instruments TUSB1044AI Datasheet HTML 8Page - Texas Instruments TUSB1044AI Datasheet HTML 9Page - Texas Instruments TUSB1044AI Datasheet HTML 10Page - Texas Instruments TUSB1044AI Datasheet HTML 11Page - Texas Instruments TUSB1044AI Datasheet HTML 12Page - Texas Instruments TUSB1044AI Datasheet HTML 13Page - Texas Instruments TUSB1044AI Datasheet HTML 14Page - Texas Instruments TUSB1044AI Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tRXDET_IN
TVL
RX detect interval while in disconnect
12
ms
tIDLEExit_D
ISC
Disconnect exit time
12
ms
tExit_SHTD
N
Shutdown exit time
CTL0 = Vcc/2 to U2U3
0.5
ms
tDIFF_DLY Differential propagation delay
300
ps
tPWRUPAC
TIVE
Time when Vcc reaches 70% to device
active
1
ms
tR/F
Output rise/fall time
20% to 80% of differential voltage
measured 1.7 inch from the output pin;
Input signal rise/fall faster than 35ps;
35
ps
tRF-MM
Output rise/fall time mismatch
20% to 80% of differential voltage
measured 1.7 inch from the output pin
2.6
ps
AUXP/N and SBU1/2
tAUX_PD
Switch propagation delay
1050
ps
tAUX_SW_
OFF
Switching time CTL1 to switch OFF
500
ns
tAUX_SW_
ON
Switching time CTL1 to switch ON
500
ns
tAUX_INTR
A
Intra-pair output skew
100
ps
5.8 Typical Characteristics
Frequency (GHz)
0
5
10
15
20
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
D001
Figure 5-1. Input Return Loss Performance of the Downstream
Ports
Frequency (GHz)
0
5
10
15
20
-35
-30
-25
-20
-15
-10
-5
0
D002
Figure 5-2. Output Return Loss Performance of the
Downstream Ports
www.ti.com
TUSB1044A
SLLSG07 – MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TUSB1044A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com