Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1044AI Datasheet(PDF) 40 Page - Texas Instruments

Part # TUSB1044AI
Description  TUSB1044A USB TYPE-C® 10Gbps Multi-Protocol Bidirectional Linear Redriver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044AI Datasheet(HTML) 40 Page - Texas Instruments

Back Button TUSB1044AI Datasheet HTML 36Page - Texas Instruments TUSB1044AI Datasheet HTML 37Page - Texas Instruments TUSB1044AI Datasheet HTML 38Page - Texas Instruments TUSB1044AI Datasheet HTML 39Page - Texas Instruments TUSB1044AI Datasheet HTML 40Page - Texas Instruments TUSB1044AI Datasheet HTML 41Page - Texas Instruments TUSB1044AI Datasheet HTML 42Page - Texas Instruments TUSB1044AI Datasheet HTML 43Page - Texas Instruments TUSB1044AI Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 66 page
background image
Table 8-3. General_1 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
5
SWAP_SEL
R/W
0h
Set this field to perform a global direction swap on all the channels.
0h = Channel directions and EQ settings are in normal mode
1h = Reverse all channel directions and EQ settings for the input
ports.
4
EQ_OVERRIDE
R/W
0h
Set this field to allow the software to use the EQ settings from
registers instead of values sampled from pins.
0h = EQ settings based on sampled state of EQ pins.
1h = EQ settings based on the programmed value of each of the EQ
registers.
3
HPDIN_OVERRIDE
R/W
0h
Overrides the HPDIN pin state.
0h = HPD_IN based on HPD_IN pin.
1h = HPD_IN high.
2
FLIP_SEL
R/W
0h
FLIPSEL
0h = Normal Orientation
1h = Flip orientation.
1-0
CTLSEL_1:0
R/W
0h
Controls the DP and USB modes.
0h = Disabled. All RX and TX for USB3 and DisplayPort are
disabled.
1h = USB3.2 only enabled.
2h = Four Lanes of DisplayPort enabled.
3h = USB3.2 and Two DisplayPort Lanes.
8.1.2 General_2 Register (Offset = Bh) [Reset = 00h]
General_2 is shown in Table 8-4.
Return to the Summary Table.
Table 8-4. General_2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
RESERVED
R
0h
Reserved
3-0
CH_SWAP_SEL
R/W
0h
Swaps direction (TX to RX and RX to TX) and EQ settings of
individual channels. Channels are numbered from 0 to 3. One bit
per lane.
0h = Channel and EQ settings normal.
1h = Reverse channel direction and EQ setting.
8.1.3 General_3 Register (Offset = Ch) [Reset = 00h]
General_3 is shown in Table 8-5.
Return to the Summary Table.
Table 8-5. General_3 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED
R
0h
Reserved
6
VOD_DCGAIN_OVERRID
E
R/W
0h
Set this field to allow the software to use the VOD linearity range and
DC gain settings from registers instead of value sampled from pins
0h = VOD linearity and DC gain settings based on sampled CFG[2:1]
pins. 1b = EQ settings based on programmed value of each VOD
linearity and DC Gain registers.
TUSB1044A
SLLSG07 – MARCH 2025
www.ti.com
40
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TUSB1044A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com