Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1044AI Datasheet(PDF) 39 Page - Texas Instruments

Part # TUSB1044AI
Description  TUSB1044A USB TYPE-C® 10Gbps Multi-Protocol Bidirectional Linear Redriver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044AI Datasheet(HTML) 39 Page - Texas Instruments

Back Button TUSB1044AI Datasheet HTML 35Page - Texas Instruments TUSB1044AI Datasheet HTML 36Page - Texas Instruments TUSB1044AI Datasheet HTML 37Page - Texas Instruments TUSB1044AI Datasheet HTML 38Page - Texas Instruments TUSB1044AI Datasheet HTML 39Page - Texas Instruments TUSB1044AI Datasheet HTML 40Page - Texas Instruments TUSB1044AI Datasheet HTML 41Page - Texas Instruments TUSB1044AI Datasheet HTML 42Page - Texas Instruments TUSB1044AI Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
8 Register Maps
8.1 TUSB1044A Registers
Table 8-1 lists the memory-mapped registers for the TUSB1044A registers. All register offset addresses not
listed in Table 8-1 should be considered as reserved locations and the register contents should not be modified.
Table 8-1. TUSB1044A Registers
Offset
Acronym
Register Name
Section
Ah
General_1
General Registers 1
Go
Bh
General_2
General Registers 2
Go
Ch
General_3
General Registers 3
Go
10h
UFP2_EQ
UFP2 EQ Control
Go
11h
UFP1_EQ
UFP1 EQ Control
Go
12h
DisplayPort_1
AUX Snoop Status
Go
13h
DisplayPort_2
DP Lane Enable/Disable Control
Go
20h
DFP2_EQ
DFP2 EQ Control
Go
21h
DFP1_EQ
DFP1 EQ Control
Go
22h
USB3_MISC
Misc USB3 Controls
Go
23h
USB3_LOS
USB3 LOS Threshold Controls
Go
Complex bit access types are encoded to fit into small table cells. Table 8-2 shows the codes that are used for
access types in this section.
Table 8-2. TUSB1044A Access Type Codes
Access Type
Code
Description
Read Type
R
R
Read
RH
R
H
Read
Set or cleared by hardware
Write Type
W
W
Write
WS
W
Write
Reset or Default Value
-n
Value after reset or the default
value
8.1.1 General_1 Register (Offset = Ah) [Reset = 00h]
General_1 is shown in Table 8-3.
Return to the Summary Table.
Table 8-3. General_1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED
R
0h
Reserved
6
USB32_BY2_EN
R/W
0h
Set this field to enable USB3.2 x2 mode. USB3.2 x2 mode allows the
device to operate up to 20Gbps. When this field is zero, the device is
limited to 10Gbps
0h = USB3.2 x2 disable
1h = USB3.2 x2 enable
www.ti.com
TUSB1044A
SLLSG07 – MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TUSB1044A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com