Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1044AI Datasheet(PDF) 1 Page - Texas Instruments

Part # TUSB1044AI
Description  TUSB1044A USB TYPE-C® 10Gbps Multi-Protocol Bidirectional Linear Redriver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044AI Datasheet(HTML) 1 Page - Texas Instruments

  TUSB1044AI Datasheet HTML 1Page - Texas Instruments TUSB1044AI Datasheet HTML 2Page - Texas Instruments TUSB1044AI Datasheet HTML 3Page - Texas Instruments TUSB1044AI Datasheet HTML 4Page - Texas Instruments TUSB1044AI Datasheet HTML 5Page - Texas Instruments TUSB1044AI Datasheet HTML 6Page - Texas Instruments TUSB1044AI Datasheet HTML 7Page - Texas Instruments TUSB1044AI Datasheet HTML 8Page - Texas Instruments TUSB1044AI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 66 page
background image
TUSB1044A USB TYPE-C® 10Gbps Multi-Protocol Bidirectional Linear Redriver
1 Features
• Protocol agnostic reversible 4-channel linear
redriver supporting up to 10Gbps
– USB Type-C® with USB 3.2 Gen 2 x2 and
DisplayPort™ 2.1 as alternate mode
• Supports processors with USB 3.2 and
DisplayPort™ mux integrated for Type-C
applications
• Supports signal conditioning inside Type-C cable
• Cross-point mux for SBU signals
• Linear equalization up to 11dB at 4.05GHz
• GPIO and I2C control for channel direction and
equalization
• Advanced power management by monitoring USB
power states and snooping DP link training
• Configuration through GPIO or I2C
• Hot-plug capable
• Single 3.3V supply
• Industrial temperature: –40°C to 85°C
(TUSB1044AI)
• Commercial temperature: 0°C to 70°C
(TUSB1044A)
• 6mm × 4mm, 0.4mm pitch, 40-pin QFN package
2 Applications
• Tablets
• Notebooks
• Desktops
• Docking stations
3 Description
The TUSB1044A is a USB Type-C® Alt Mode redriver
switch that supports data rates up to 10Gbps. This
protocol-agnostic linear redriver can support USB
Type-C® Alt Mode interfaces including DisplayPort™.
The TUSB1044A provides several levels of receive
linear equalization to compensate for inter-symbol
interference (ISI) due to cable and board trace loss.
The device operates on a single 3.3V supply and
comes in a commercial and industrial temperature
range.
All four lanes of the TUSB1044A are reversible
and designed to make the device a versatile signal
conditioner that can be used in many applications.
Package Information (1)
PART NUMBER
TEMPERATURE (°C)
PACKAGE
PACKAGE SIZE(2)
TUSB1044A
TA = 0°C to 70°C
RNQ (WQFN, 40)
6mm × 4mm
TUSB1044AI
TA = –40°C to 85°C
RNQ (WQFN, 40)
6mm × 4mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
USB/DP/
Custom
Source
AUXp
AUXn
UTX1
UTX2
URX1
URX2
SBU1
SBU2
DTX1
DTX2
DRX1
DRX2
USB PD
Controller
CC1
CC2
Control
HPD
CTL
FLIP
0 1
D+/-
TUSB1044A
Simplified Schematic
TUSB1044A
SLLSG07 – MARCH 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TUSB1044AI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1044 TI1-TUSB1044 Datasheet
2Mb / 67P
USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
TUSB1044 TI1-TUSB1044 Datasheet
2Mb / 67P
USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
TUSB1044I TI1-TUSB1044I Datasheet
2Mb / 67P
USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
TUSB1044I TI1-TUSB1044I Datasheet
2Mb / 67P
USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
TUSB1044IRNQR TI1-TUSB1044IRNQR Datasheet
2Mb / 67P
USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
More results

Similar Description - TUSB1044AI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB546-DCI TI1-TUSB546-DCI Datasheet
1Mb / 48P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB544 TI1-TUSB544 Datasheet
2Mb / 60P
USB TYPE-C 8.1 Gbps Multi-Protocol Linear Redriver
TUSB1042I TI1-TUSB1042I Datasheet
695Kb / 33P
USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TUSB546A-DCI TI1-TUSB546A-DCI_17 Datasheet
1Mb / 49P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB1042I TI1-TUSB1042I_17 Datasheet
1Mb / 39P
USB Type-C 10 Gbps 2:1 Linear Redriver Switch
TUSB1044 TI1-TUSB1044 Datasheet
2Mb / 67P
USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
TUSB1044 TI1-TUSB1044_18 Datasheet
2Mb / 67P
USB TYPE-C 10 Gbps Multi-Protocol Bi-Directional Linear Redriver
logo
NXP Semiconductors
PTN38003A NXP-PTN38003A Datasheet
770Kb / 55P
Multi-protocol USB3.2 and DisplayPort linear redriver
Rev.2.1-8 December 2021
PTN38007 NXP-PTN38007 Datasheet
808Kb / 59P
Multi-protocol USB4 20 Gbps linear redriver
Rev.2.1 - 8 December 2021
logo
Texas Instruments
TUSB1104 TI-TUSB1104 Datasheet
1Mb / 55P
TUSB1104 USB Type-C??10 Gbps USB 3.2 x2 Adaptive Linear Redriver
APRIL 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com