Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1044AI Datasheet(PDF) 45 Page - Texas Instruments

Part # TUSB1044AI
Description  TUSB1044A USB TYPE-C® 10Gbps Multi-Protocol Bidirectional Linear Redriver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044AI Datasheet(HTML) 45 Page - Texas Instruments

Back Button TUSB1044AI Datasheet HTML 41Page - Texas Instruments TUSB1044AI Datasheet HTML 42Page - Texas Instruments TUSB1044AI Datasheet HTML 43Page - Texas Instruments TUSB1044AI Datasheet HTML 44Page - Texas Instruments TUSB1044AI Datasheet HTML 45Page - Texas Instruments TUSB1044AI Datasheet HTML 46Page - Texas Instruments TUSB1044AI Datasheet HTML 47Page - Texas Instruments TUSB1044AI Datasheet HTML 48Page - Texas Instruments TUSB1044AI Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The TUSB1044A is a linear redriver designed specifically to compensate for intersymbol interference (ISI) jitter
caused by signal attenuation through a passive medium like PCB traces and cables. The TUSB1044A has four
independent inputs, therefore the device can be optimized to correct ISI on all those seven inputs through 16
different equalization choices. Users can place the TUSB1044A between a USB3.1 Host/DisplayPort 2.1 GPU
and a USB3.1 Type-C receptacle to correct signal integrity issues, which can result in a more robust system.
9.2 Typical Application
USB3.1/
DP1.4
Host
TUSB1044A
UTX1N
UTX1P
URX1N
URX1P
DTX1N
DTX1P
DTX2P
DTX2N
DRX1P
DRX1N
DRX2P
DRX2N
URX2P
URX2N
UTX2P
UTX2N
TX1N
TX1P
RX1N
RX1P
RX2P
RX2N
TX2P
TX2N
A
B
C
F
D
E
G
H
PCB Trace of Length XAB
PCB Trace of Length XEF
PCB Trace of Length XGH
PCB Trace of Length XCD
Figure 9-1. TUSB1044A in a Host Application
www.ti.com
TUSB1044A
SLLSG07 – MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: TUSB1044A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com