Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1044AI Datasheet(PDF) 36 Page - Texas Instruments

Part # TUSB1044AI
Description  TUSB1044A USB TYPE-C® 10Gbps Multi-Protocol Bidirectional Linear Redriver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044AI Datasheet(HTML) 36 Page - Texas Instruments

Back Button TUSB1044AI Datasheet HTML 32Page - Texas Instruments TUSB1044AI Datasheet HTML 33Page - Texas Instruments TUSB1044AI Datasheet HTML 34Page - Texas Instruments TUSB1044AI Datasheet HTML 35Page - Texas Instruments TUSB1044AI Datasheet HTML 36Page - Texas Instruments TUSB1044AI Datasheet HTML 37Page - Texas Instruments TUSB1044AI Datasheet HTML 38Page - Texas Instruments TUSB1044AI Datasheet HTML 39Page - Texas Instruments TUSB1044AI Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 66 page
background image
Table 7-8. TUSB1044A Receiver Equalization GPIO Control
DOWNSTREAM FACING PORTS USING 1100mV
LINEARITY SETTING
UPSTREAM FACING PORT USING 1100mV LINEARITY SETTING
EQ
SETTIN
G#
DEQ1
PIN
LEVEL
DEQ0
PIN
LEVEL
EQ GAIN
5GHz
(dB)
EQ GAIN
4.05GHz
(dB)
UEQ1
PIN
LEVEL
UEQ0
PIN
LEVEL
EQ GAIN
5GHz
(dB)
EQ GAIN
4.05GHz
(dB)
0
0
0
–2.1
–1.4
0
0
–4.4
–3.3
1
0
R
0
0.4
0
R
–2.2
–1.5
2
0
F
1.5
1.7
0
F
0.7
0.0
3
0
1
3.0
3.2
0
1
0.9
1.4
4
R
0
4.0
4.1
R
0
1.9
2.4
5
R
R
5.0
5.2
R
R
3.0
3.5
6
R
F
5.9
6.1
R
F
3.8
4.3
7
R
1
6.7
6.9
R
1
4.7
5.2
8
F
0
7.4
7.7
F
0
5.4
6.0
9
F
R
8.0
8.3
F
R
6.0
6.6
10
F
F
8.5
8.8
F
F
6.5
7.2
11
F
1
9.0
9.4
F
1
7.1
7.7
12
1
0
9.4
9.8
1
0
7.5
8.1
13
1
R
9.8
10.3
1
R
7.9
8.6
14
1
F
10.1
10.6
1
F
8.3
9.0
15
1
1
10.5
11.0
1
1
8.6
9.4
7.4.6 Adjustable VOD Linear Range and DC Gain
The CFG0 and CFG1 pins can be used to adjust the TUSB1044A differential output voltage (VOD) swing linear
range and receiver equalization DC gain for both downstream and upstream data path directions. Table 7-9
details the available options.
Table 7-9. VOD Linear Range and DC Gain
SETTING
#
CFG1 PIN
LEVEL
CFG0 PIN
LEVEL
DOWNSTREAM
DC GAIN
(dB)
UPSTREAM
DC GAIN (dB)
DOWNSTREAM
VOD LINEAR
RANGE
(mVpp)
UPSTREAM
VOD LINEAR
RANGE
(mVpp)
0
0
0
1
0
900
900
1
0
R
0
1
900
900
2
0
F
0
0
900
900
3
0
1
1
1
900
900
4
R
0
0
0
1100
1100
5
R
R
1
0
1100
1100
6
R
F
0
1
1100
1100
7
R
1
2
2
1100
1100
8
F
0
Reserved
Reserved
Reserved
Reserved
9
F
R
Reserved
Reserved
Reserved
Reserved
10
F
F
0
0
1300
1300
11
F
1
Reserved
Reserved
Reserved
Reserved
12
1
0
Reserved
Reserved
Reserved
Reserved
13
1
R
Reserved
Reserved
Reserved
Reserved
14
1
F
Reserved
Reserved
Reserved
Reserved
15
1
1
Reserved
Reserved
Reserved
Reserved
TUSB1044A
SLLSG07 – MARCH 2025
www.ti.com
36
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TUSB1044A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com