Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1044AI Datasheet(PDF) 33 Page - Texas Instruments

Part # TUSB1044AI
Description  TUSB1044A USB TYPE-C® 10Gbps Multi-Protocol Bidirectional Linear Redriver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044AI Datasheet(HTML) 33 Page - Texas Instruments

Back Button TUSB1044AI Datasheet HTML 29Page - Texas Instruments TUSB1044AI Datasheet HTML 30Page - Texas Instruments TUSB1044AI Datasheet HTML 31Page - Texas Instruments TUSB1044AI Datasheet HTML 32Page - Texas Instruments TUSB1044AI Datasheet HTML 33Page - Texas Instruments TUSB1044AI Datasheet HTML 34Page - Texas Instruments TUSB1044AI Datasheet HTML 35Page - Texas Instruments TUSB1044AI Datasheet HTML 36Page - Texas Instruments TUSB1044AI Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 66 page
background image
Table 7-5. INPUT to OUTPUT Mapping (continued)
SWAP = L
SWAP = H
FROM
FROM
TO
FROM
FROM
TO
DIR1
PIN
DIR0
PIN
CTL1
PIN
CTL0
PIN
FLIP
PIN
RX EQ
CONTROL
PINS
INPUT
PIN
OUTPUT
PIN
RX EQ
CONTROL
PINS
INPUT
PIN
OUTPUT
PIN
H
H
H
H
L
UEQ[1:0]
UTX2P
DTX2P
(SSRXP)
UEQ[1:0]
DTX2P
(SSTXP)
UTX2P
UEQ[1:0]
UTX2N
DTX2N
(SSRXN)
UEQ[1:0]
DTX2N
(SSTXN)
UTX2N
DEQ[1:0]
DRX2P
(SSTXP)
URX2P
DEQ[1:0]
URX2P
DRX2P
(SSRXP)
DEQ[1:0]
DRX2N
(SSTXN)
URX2N
DEQ[1:0]
URX2N
DRX2N
(SSRXN)
UEQ[1:0]
UTX1P
DTX1P
(LN0RXP)
UEQ[1:0]
DTX1P
(LN0RXP)
UTX1P
UEQ[1:0]
UTX1N
DTX1N(LN0R
XN)
UEQ[1:0]
DTX1N(LN0
RXN)
UTX1N
DEQ[1:0]
DRX1P
(LN0TXP)
URX1P
DEQ[1:0]
URX1P
DRX1P
(LN0TXP)
DEQ[1:0]
DRX1N
(LN0TXN)
URX1N
DEQ[1:0]
URX1N
DRX1N
(LN0TXN)
USB3.2 x 2 flip orientation
H
H
H
H
H
UEQ[1:0]
UTX1P
DTX1P
(SSRXP)
UEQ[1:0]
DTX1P
(SSSXP)
UTX1P
UEQ[1:0]
UTX1N
DTX1N
(SSRXN)
UEQ[1:0]
DTX1N
(SSSXN)
UTX1N
DEQ[1:0]
DRX1P
(SSTXP)
URX1P
DEQ[1:0]
URX1P
DRX1P
(SSRXP)
DEQ[1:0]
DRX1N
(SSTXN)
URX1N
DEQ[1:0]
URX1N
DRX1N
(SSRXN)
DEQ[1:0]
DRX2P
URX2P
(LN0TXP)
DEQ[1:0]
URX2P
(LN0TXP)
DRX2P
DEQ[1:0]
DRX2N
URX2N
(LN0TXN)
DEQ[1:0]
URX2N
(LN0TXN)
DRX2N
UEQ[1:0]
UTX2P
(LN0RXP)
DTX2P
UEQ[1:0]
DTX2P
UTX2P
(LN0RXP)
UEQ[1:0]
UTX2N
(LN0RXN)
DTX2N
UEQ[1:0]
DTX2N
UTX2N
(LN0RXN)
7.4.2 Device Configuration in I2C Mode
The TUSB1044A is in I2C mode when I2C_EN is equal to 1. The same configurations defined in GPIO mode are
also available in I2C mode. The TUSB1044A USB3.2, DisplayPort, and custom Alternate Mode configuration is
controlled based on Table 7-6. The AUXP/N to SBU1/2 mapping control is based on Table 7-6.
Table 7-6. I2C Configuration Control
Registers
TUSB1044A
Configuration
VESA® DisplayPort™ Alt
Mode
DFP_D Configuration
USB32_BY
2_EN
DIRSEL1
DIRSEL0
CTLSEL1
CTLSEL0
FLIPSEL
USB + DisplayPort Alternate Mode (Source Side)
X
L
L
L
L
X
Power Down
–
L
L
L
L
H
L
One Port USB 3.2x1 – No
Flip
–
L
L
L
L
H
H
One Port USB 3.2x1 –
With Flip
–
www.ti.com
TUSB1044A
SLLSG07 – MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: TUSB1044A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com