Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1044AI Datasheet(PDF) 41 Page - Texas Instruments

Part # TUSB1044AI
Description  TUSB1044A USB TYPE-C® 10Gbps Multi-Protocol Bidirectional Linear Redriver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044AI Datasheet(HTML) 41 Page - Texas Instruments

Back Button TUSB1044AI Datasheet HTML 37Page - Texas Instruments TUSB1044AI Datasheet HTML 38Page - Texas Instruments TUSB1044AI Datasheet HTML 39Page - Texas Instruments TUSB1044AI Datasheet HTML 40Page - Texas Instruments TUSB1044AI Datasheet HTML 41Page - Texas Instruments TUSB1044AI Datasheet HTML 42Page - Texas Instruments TUSB1044AI Datasheet HTML 43Page - Texas Instruments TUSB1044AI Datasheet HTML 44Page - Texas Instruments TUSB1044AI Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 66 page
background image
Table 8-5. General_3 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
5-2
VOD_DCGAIN_SEL
R/W
0h
This field selects the VOD linearity range and DC gain for all the
channels and in all directions. When VOD_DCGAIN_OVERRIDE =
0b, this field reflects the sampled state of CFG[1:0] pins. When
VOD_DCGAIN_OVERRIDE = 1b, software can change the VOD
linearity range and DC gain for all the channels and in all directions
based on the value written to this field. Each CFG is a 2-bit value.
The register-to-CFG1/0 mapping is: [5:2] = {CFG1[1:0], CFG0[1:0]}
where CFGx[1:0] mapping is:
0h = 0
1h = R
2h = F
3h = 1
1-0
DIR_SEL
R/W
0h
Sets the operation mode. If this field is 2h or 3h and CTLSEL[1:0] is
3h, then device functions as USB3.2 x2.
0h = USB + DP Alt Mode Source
1h = USB + DP Alt Mode Sink.
2h = USB + Custom or USB3.2x2 source
3h = USB + Custom or USB3.2x2 Sink.
8.1.4 UFP2_EQ Register (Offset = 10h) [Reset = 00h]
UFP2_EQ is shown in Table 8-6.
Return to the Summary Table.
Table 8-6. UFP2_EQ Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
UTX2EQ_SEL
R/W
0h
Field selects the EQ for the UTX2P/N pins. When EQ_OVERRIDE
= 0b, this field reflects the sampled state of UEQ[1:0] pins. When
EQ_OVERRIDE = 1b, the software can change the EQ setting for
the UTX2P/N pins based on the value written to this field.
3-0
URX2EQ_SEL
R/W
0h
Field selects the EQ for the URX2P/N pins. When EQ_OVERRIDE
= 0b, this field reflects the sampled state of UEQ[1:0] pins. When
EQ_OVERRIDE = 1b, the software can change the EQ setting for
the URX2P/N pins based on the value written to this field.
8.1.5 UFP1_EQ Register (Offset = 11h) [Reset = 00h]
UFP1_EQ is shown in Table 8-7.
Return to the Summary Table.
Table 8-7. UFP1_EQ Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
UTX1EQ_SEL
R/W
0h
Field selects the EQ for the UTX1P/N pins. When EQ_OVERRIDE
= 0b, this field reflects the sampled state of UEQ[1:0] pins. When
EQ_OVERRIDE = 1b, the software can change the EQ setting for
the UTX1P/N pins based on the value written to this field.
3-0
URX1EQ_SEL
R/W
0h
Field selects the EQ for the URX1P/N pins. When EQ_OVERRIDE
= 0b, this field reflects the sampled state of UEQ[1:0] pins. When
EQ_OVERRIDE = 1b, the software can change the EQ setting for
the URX1P/N pins based on the value written to this field.
8.1.6 DisplayPort_1 Register (Offset = 12h) [Reset = 00h]
DisplayPort_1 is shown in Table 8-8.
www.ti.com
TUSB1044A
SLLSG07 – MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
41
Product Folder Links: TUSB1044A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com