Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1044AI Datasheet(PDF) 56 Page - Texas Instruments

Part # TUSB1044AI
Description  TUSB1044A USB TYPE-C® 10Gbps Multi-Protocol Bidirectional Linear Redriver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044AI Datasheet(HTML) 56 Page - Texas Instruments

Back Button TUSB1044AI Datasheet HTML 52Page - Texas Instruments TUSB1044AI Datasheet HTML 53Page - Texas Instruments TUSB1044AI Datasheet HTML 54Page - Texas Instruments TUSB1044AI Datasheet HTML 55Page - Texas Instruments TUSB1044AI Datasheet HTML 56Page - Texas Instruments TUSB1044AI Datasheet HTML 57Page - Texas Instruments TUSB1044AI Datasheet HTML 58Page - Texas Instruments TUSB1044AI Datasheet HTML 59Page - Texas Instruments TUSB1044AI Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 66 page
background image
can be used to step down to 3.3V. Use decoupling capacitors to reduce noise and improve power supply
integrity. Use a 0.1µF capacitor on each power pin.
9.5 Layout
9.5.1 Layout Guidelines
1. Route RXP/N and TXP/N pairs with controlled 90Ω differential impedance (± 15%).
2. Keep away from other high speed signals.
3. Keep intra-pair routing to within 2 mils.
4. Make sure length matching is near the location of mismatch.
5. Separate each pair at least by 3 times the signal trace width.
6. Keep the use of bends in differential traces to a minimum. When bends are used, make sure the number of
left and right bends are as equal as possible and that the angle of the bend is ≥ 135 degrees. This setup can
minimize any length mismatch causes by the bends and therefore minimize the impact bends have on EMI.
7. Route all differential pairs on the same of layer.
8. Keep the number of VIAS to a minimum. TI recommends to have no more than 1 VIA between TUSB1044A
and Type-C connector and no more than 1 VIA between TUSB1044A and USB3.1 Device/Host.
9. Keep traces on layers adjacent to ground plane.
10. Do NOT route differential pairs over any plane split.
11. Remember that adding test points can cause impedance discontinuity; and therefore, negatively impacts
signal performance. If test points are used, place the test points in series and symmetrically. The test points
must not be placed in a manner that causes a stub on the differential pair.
12. Assuming 1dB/inch loss at 5GHz, make sure the trace length between TUSB1044A and Type-C connector is
no more than 1.5 inches.
13. Assuming 1dB/inch loss at 5GHz, make sure the trace length between TUSB1044A and the USB 3.1 Host/
Device is no more than 8 inches.
14. Select ESD protection devices and EMI suppression devices carefully, and make sure these devices have
excellent transient performance at 10Gbps with flat shunt capacitance characteristics over ±650mV voltage
range. Note small-signal insertion loss characteristics are insufficient to determine suitability of non-linear
devices (ESD devices) for 10Gbps operation
TUSB1044A
SLLSG07 – MARCH 2025
www.ti.com
56
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TUSB1044A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com