Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1044AI Datasheet(PDF) 22 Page - Texas Instruments

Part # TUSB1044AI
Description  TUSB1044A USB TYPE-C® 10Gbps Multi-Protocol Bidirectional Linear Redriver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044AI Datasheet(HTML) 22 Page - Texas Instruments

Back Button TUSB1044AI Datasheet HTML 18Page - Texas Instruments TUSB1044AI Datasheet HTML 19Page - Texas Instruments TUSB1044AI Datasheet HTML 20Page - Texas Instruments TUSB1044AI Datasheet HTML 21Page - Texas Instruments TUSB1044AI Datasheet HTML 22Page - Texas Instruments TUSB1044AI Datasheet HTML 23Page - Texas Instruments TUSB1044AI Datasheet HTML 24Page - Texas Instruments TUSB1044AI Datasheet HTML 25Page - Texas Instruments TUSB1044AI Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 66 page
background image
AUX writes to the DPCD registers 00101h (LANE_COUNT_SET) and 00600h (SET_POWER_STATE) of the
DisplayPort sink. The TUSB1044A disables or enables lanes based on value written to LANE_COUNT_SET.
The TUSB1044A disables all lanes when SET_POWER_STATE is in the D3. Otherwise, active lanes are based
on the value of LANE_COUNT_SET.
DisplayPort AUX snooping is enabled by default but can be disabled by changing the AUX_SNOOP_DISABLE
register. When AUX snoop is disabled, management of TUSB1044A DisplayPort lanes are controlled through
various configuration registers.
7.3.4 4-Level Inputs
The TUSB1044A has (I2C_EN, UEQ[1:0], DEQ[1:0], CFG[1:0], and A[1:0]) 4-level inputs pins that are used to
control the equalization gain, voltage linearity range, and place TUSB1044A into different modes of operation.
These 4-level inputs use a resistor divider to help set the four valid levels and provide a wider range of control
settings. There are internal pullup and pulldown resistors. These resistors, together with the external resistor
connection combine to achieve the desired voltage level.
Table 7-2. 4-Level Control Pin Settings
LEVEL
SETTINGS
0
Option 1: Tie 1KΩ 5% to GND.
Option 2: Tie directly to GND.
R
Tie 20KΩ 5% to GND.
F
Float (leave pin open)
1
Option 1: Tie 1KΩ 5%to VCC.
Option 2: Tie directly to VCC.
Note
All 4-level inputs are latched on rising edge of internal reset. After Tcfg_hd, the internal pullup and
pulldown resistors are isolated to save power.
TUSB1044A
SLLSG07 – MARCH 2025
www.ti.com
22
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TUSB1044A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com