Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1044AI Datasheet(PDF) 2 Page - Texas Instruments

Part # TUSB1044AI
Description  TUSB1044A USB TYPE-C® 10Gbps Multi-Protocol Bidirectional Linear Redriver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044AI Datasheet(HTML) 2 Page - Texas Instruments

  TUSB1044AI Datasheet HTML 1Page - Texas Instruments TUSB1044AI Datasheet HTML 2Page - Texas Instruments TUSB1044AI Datasheet HTML 3Page - Texas Instruments TUSB1044AI Datasheet HTML 4Page - Texas Instruments TUSB1044AI Datasheet HTML 5Page - Texas Instruments TUSB1044AI Datasheet HTML 6Page - Texas Instruments TUSB1044AI Datasheet HTML 7Page - Texas Instruments TUSB1044AI Datasheet HTML 8Page - Texas Instruments TUSB1044AI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 6
5.1 Absolute Maximum Ratings........................................ 6
5.2 ESD Ratings............................................................... 6
5.3 Recommended Operating Conditions.........................6
5.4 Thermal Information....................................................6
5.5 Electrical Characteristics.............................................7
5.6 Timing Requirements................................................10
5.7 Switching Characteristics..........................................10
5.8 Typical Characteristics.............................................. 11
6 Parameter Measurement Information.......................... 15
7 Detailed Description......................................................19
7.1 Overview................................................................... 19
7.2 Functional Block Diagram......................................... 20
7.3 Feature Description...................................................21
7.4 Device Functional Modes..........................................23
7.5 Programming............................................................ 37
8 Register Maps................................................................ 39
8.1 TUSB1044A Registers..............................................39
9 Application and Implementation.................................. 45
9.1 Application Information............................................. 45
9.2 Typical Application.................................................... 45
9.3 System Examples..................................................... 49
9.4 Power Supply Recommendations.............................55
9.5 Layout....................................................................... 56
10 Device and Documentation Support..........................58
10.1 Documentation Support.......................................... 58
10.2 Receiving Notification of Documentation Updates..58
10.3 Support Resources................................................. 58
10.4 Trademarks.............................................................58
10.5 Electrostatic Discharge Caution..............................58
10.6 Glossary..................................................................58
11 Revision History.......................................................... 58
12 Mechanical, Packaging, and Orderable
Information.................................................................... 58
TUSB1044A
SLLSG07 – MARCH 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TUSB1044A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com