Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1044AI Datasheet(PDF) 37 Page - Texas Instruments

Part # TUSB1044AI
Description  TUSB1044A USB TYPE-C® 10Gbps Multi-Protocol Bidirectional Linear Redriver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044AI Datasheet(HTML) 37 Page - Texas Instruments

Back Button TUSB1044AI Datasheet HTML 33Page - Texas Instruments TUSB1044AI Datasheet HTML 34Page - Texas Instruments TUSB1044AI Datasheet HTML 35Page - Texas Instruments TUSB1044AI Datasheet HTML 36Page - Texas Instruments TUSB1044AI Datasheet HTML 37Page - Texas Instruments TUSB1044AI Datasheet HTML 38Page - Texas Instruments TUSB1044AI Datasheet HTML 39Page - Texas Instruments TUSB1044AI Datasheet HTML 40Page - Texas Instruments TUSB1044AI Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 66 page
background image
7.4.7 USB3.1 Modes
The TUSB1044A monitors the physical layer conditions like receiver termination, electrical idle, LFPS, and
SuperSpeed signaling rate to determine the state of the USB3.1 interface. Depending on the state of the USB
3.1 interface, the TUSB1044A can be in one of four primary modes of operation when USB 3.1 is enabled (CTL0
= H or CTLSEL0 = 1b1): Disconnect, U2/U3, U1, and U0.
The disconnect mode is the state in which TUSB1044A has not detected far-end termination on both upstream
facing port (UFP) or downstream facing port (DFP). The disconnect mode is the lowest power mode of each of
the four modes. The TUSB1044A remains in this mode until far-end receiver termination has been detected on
both UFP and DFP. The TUSB1044A immediately exits this mode and enters U0 mode when far-end termination
is detected.
When in U0 mode, the TUSB1044A redrives all traffic received on UFP and DFP. U0 is the highest power mode
of all USB3.1 modes. The TUSB1044A remains in U0 mode until electrical idle occurs on both UFP and DFP.
Upon detecting electrical idle, the TUSB1044A immediately transitions to U1.
The U1 mode is the intermediate mode between U0 mode and U2/U3 mode. In U1 mode, the TUSB1044A
UFP and DFP receiver termination remain enabled. The UFP and DFP transmitter DC common-mode voltage is
maintained. The power consumption in U1 is similar to power consumption of U0.
Next to the disconnect mode, the U2 and U3 mode is next lowest power state. While in this mode, the
TUSB1044A periodically performs far-end receiver detection. Anytime the far-end receiver termination is not
detected on either UFP or DFP, the TUSB1044A leaves the U2 and U3 mode and transition to the disconnect
mode. The device also monitors for a valid LFPS. Upon detection of a valid LFPS, the TUSB1044A immediately
transitions to the U0 mode. In U2 and U3 mode, the TUSB1044A receiver terminations remains enabled, but the
TX DC common-mode voltage is not maintained.
When SLP_S0# is asserted low, the TUSB1044A disables Receiver Detect functionality. While SLP_S0# is
low and TUSB1044A is in U2 and U3, the TUSB1044A disables LOS and LFPS detection circuitry and RX
termination for both channels remains enabled. This allows even lower TUSB1044A power consumption while in
the U2 and U3 mode. When SLP_S0# is asserted high, the TUSB1044A again starts performing far-end receiver
detection as well as monitors the LFPS so the device can know when to exit the U2 and U3 mode.
When SLP_S0# is asserted low and the TUSB1044A is in disconnect mode, the TUSB1044A remains in
disconnect mode and never performs far-end receiver detection. This allows even lower TUSB1044A power
consumption while in the disconnect mode. When SLP_S0# is asserted high, the TUSB1044A again starts
performing far-end receiver detection so the device can know when to exit disconnect mode.
7.5 Programming
For further programmability, the TUSB1044A can be controlled using I2C. The SCL and SDA terminals are used
for I2C clock and I2C data, respectively.
Table 7-10. I2C Target Address
TUSB1044A I2C Target Address
UEQ1/A1
PIN LEVEL
UEQ0/A0
PIN LEVEL
BIT 7 (MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
(W/R)
0
0
1
0
0
0
1
0
0
0/1
0
R
1
0
0
0
1
0
1
0/1
0
F
1
0
0
0
1
1
0
0/1
0
1
1
0
0
0
1
1
1
0/1
R
0
0
1
0
0
0
0
0
0/1
R
R
0
1
0
0
0
0
1
0/1
R
F
0
1
0
0
0
1
0
0/1
R
1
0
1
0
0
0
1
1
0/1
F
0
0
0
1
0
0
0
0
0/1
F
R
0
0
1
0
0
0
1
0/1
www.ti.com
TUSB1044A
SLLSG07 – MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
37
Product Folder Links: TUSB1044A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com