Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1044AI Datasheet(PDF) 42 Page - Texas Instruments

Part # TUSB1044AI
Description  TUSB1044A USB TYPE-C® 10Gbps Multi-Protocol Bidirectional Linear Redriver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044AI Datasheet(HTML) 42 Page - Texas Instruments

Back Button TUSB1044AI Datasheet HTML 38Page - Texas Instruments TUSB1044AI Datasheet HTML 39Page - Texas Instruments TUSB1044AI Datasheet HTML 40Page - Texas Instruments TUSB1044AI Datasheet HTML 41Page - Texas Instruments TUSB1044AI Datasheet HTML 42Page - Texas Instruments TUSB1044AI Datasheet HTML 43Page - Texas Instruments TUSB1044AI Datasheet HTML 44Page - Texas Instruments TUSB1044AI Datasheet HTML 45Page - Texas Instruments TUSB1044AI Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 66 page
background image
Return to the Summary Table.
Table 8-8. DisplayPort_1 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED
R
0h
Reserved
6-5
SET_POWER_STATE
RH
0h
This field represents the snooped value of the AUX write to
DPCD address 0x00600. When AUX_SNOOP_DISABLE = 0b, the
enable/disable of DP lanes based on the snooped value. When
AUX_SNOOP_DISABLE = 1b, then DP lane enable/disable are
determined by state of DPx_DISABLE registers, where x = 0, 1, 2, or
3. This field is reset to 0h by hardware when CTLSEL1 changes from
a 1b to a 0b.
4-0
LANE_COUNT_SET
RH
0h
This field represents the snooped value of AUX write to DPCD
address 0x00101 register. When AUX_SNOOP_DISABLE = 0b, DP
lanes enabled specified by the snoop value. Unused DP lanes are
disabled to save power. When AUX_SNOOP_DISABLE = 1b, then
DP lanes enable/disable are determined by DPx_DISABLE registers,
where x = 0, 1, 2, or 3. This field is reset to 0h by hardware when
CTLSEL1 changes from a 1b to a 0b.
8.1.7 DisplayPort_2 Register (Offset = 13h) [Reset = 00h]
DisplayPort_2 is shown in Table 8-9.
Return to the Summary Table.
Table 8-9. DisplayPort_2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7
AUX_SNOOP_DISABLE
R/W
0h
Controls whether the DP lanes are enabled based on AUX snooped
value or registers.
0h = AUX snoop enabled.
1h = AUX snoop disabled. DP lanes are controlled by registers.
6
RESERVED
R
0h
Reserved
5-4
AUX_SBU_OVR
R/W
0h
This field overrides the AUXP/N to SBU1/2 connect and disconnect
based on CTL1 and FLIP. Change this field to 1b to allow traffic to
pass through AUX to SBU regardless of the state of CTLSEL1 and
FLIPSEL register.
0h = AUX to SBU connection determined by CTLSEL1 and FLIPSEL
1h = AUXP -> SBU1 and AUXN -> SBU2
2h = AUXP -> SBU2 and AUXN -> SBU1
3h = AUX to SBU open.
3
DP3_DISABLE
R/W
0h
When AUX_SNOOP_DISABLE = 1b, this field can be used to enable
or disable DP lane 3. When AUX_SNOOP_DISABLE = 0b, changes
to this field have no effect on lane 3 functionality.
0h = DP Lane 3 enabled.
1h = DP Lane 3 disabled.
2
DP2_DISABLE
R/W
0h
When AUX_SNOOP_DISABLE = 1b, this field can be used to enable
or disable DP lane 2. When AUX_SNOOP_DISABLE = 0b, changes
to this field have no effect on lane 2 functionality.
0h = DP Lane 2 enabled.
1h = DP Lane 2 disabled.
1
DP1_DISABLE
R/W
0h
When AUX_SNOOP_DISABLE = 1b, this field can be used to enable
or disable DP lane 1. When AUX_SNOOP_DISABLE = 0b, changes
to this field have no effect on lane 1 functionality.
0h = DP Lane 1 enabled.
1h = DP Lane 1 disabled.
TUSB1044A
SLLSG07 – MARCH 2025
www.ti.com
42
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TUSB1044A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com