Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1044AI Datasheet(PDF) 19 Page - Texas Instruments

Part # TUSB1044AI
Description  TUSB1044A USB TYPE-C® 10Gbps Multi-Protocol Bidirectional Linear Redriver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044AI Datasheet(HTML) 19 Page - Texas Instruments

Back Button TUSB1044AI Datasheet HTML 15Page - Texas Instruments TUSB1044AI Datasheet HTML 16Page - Texas Instruments TUSB1044AI Datasheet HTML 17Page - Texas Instruments TUSB1044AI Datasheet HTML 18Page - Texas Instruments TUSB1044AI Datasheet HTML 19Page - Texas Instruments TUSB1044AI Datasheet HTML 20Page - Texas Instruments TUSB1044AI Datasheet HTML 21Page - Texas Instruments TUSB1044AI Datasheet HTML 22Page - Texas Instruments TUSB1044AI Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 66 page
background image
7 Detailed Description
7.1 Overview
The TUSB1044A is a USB Type-C Alt Mode redriver switch supporting data rates up to 10.0Gbps. This device
implements 5th generation USB redriver technology. The device is used for configurations C, D, E, and F from
the VESA® DisplayPort™ Alt Mode on USB Type-C Standard. The device can also be configured to support
custom USB Type-C alternate modes.
The TUSB1044A provides several levels of receive equalization to compensate for cable and board trace loss
due to inter-symbol interference (ISI) when USB 3.2 Gen 2 or DisplayPort (or other Alt modes) signals travel
across a PCB or cable. This device requires a 3.3V power supply. The device comes for both commercial
temperature range and industrial temperature range operation.
For host (source) or device (sink) applications, the TUSB1044A enables the system to pass both transmitter
compliance and receiver jitter tolerance tests for USB 3.2 Gen 2 and DisplayPort version 2.1 UHBR10. The
redriver recovers incoming data by applying equalization that compensates for channel loss, and drives out
signals with a high differential voltage. Each channel has a receiver equalizer with selectable gain settings.
Equalization control for upstream and downstream facing ports can be set using UEQ[1:0], and DEQ[1:0] pins
respectively or through the I2C interface.
Moreover, the CFG[1:0] or the equivalent I2C registers provide the ability to control the EQ DC gain and the
voltage linearity range for all the channels (see also Table 7-9). This flexible control allows users to set up the
device to pass various standard compliance requirements.
The TUSB1044A advanced state machine makes the device transparent to hosts and devices. After power
up, the TUSB1044A periodically performs receiver detection on the TX pairs. If the device detects a USB 3.2
receiver, the RX termination is enabled, and the TUSB1044A is ready to re-drive.
The TUSB1044A provides extremely flexible data path signal direction control using the CTL[1:0], FLIP, DIR[1:0],
and SWAP pins or through the I2C interface. Refer to Table 7-5 for detailed information on the input-to-output
signal pin mapping.
The device ultra-low-power architecture operates at a 3.3V power supply and achieves enhanced performance.
The automatic LFPS De-Emphasis control further enables the system to be USB 3.2 compliant.
www.ti.com
TUSB1044A
SLLSG07 – MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TUSB1044A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com