Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1044AI Datasheet(PDF) 46 Page - Texas Instruments

Part # TUSB1044AI
Description  TUSB1044A USB TYPE-C® 10Gbps Multi-Protocol Bidirectional Linear Redriver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044AI Datasheet(HTML) 46 Page - Texas Instruments

Back Button TUSB1044AI Datasheet HTML 42Page - Texas Instruments TUSB1044AI Datasheet HTML 43Page - Texas Instruments TUSB1044AI Datasheet HTML 44Page - Texas Instruments TUSB1044AI Datasheet HTML 45Page - Texas Instruments TUSB1044AI Datasheet HTML 46Page - Texas Instruments TUSB1044AI Datasheet HTML 47Page - Texas Instruments TUSB1044AI Datasheet HTML 48Page - Texas Instruments TUSB1044AI Datasheet HTML 49Page - Texas Instruments TUSB1044AI Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 66 page
background image
9.2.1 Design Requirements
For this design example, use the parameters shown in Table 9-1.
Table 9-1. Design Parameters
PARAMETER
VALUE
A-to-B PCB trace length, XAB
8 inches (assuming 1dB / inch at 5GHz)
C-to-D PCB trace length, XCD
8 inches (assuming 1dB / inch at 5GHz)
E-to-F PCB trace length, XEF
1.5 inches (assuming 1dB / inch at 5GHz)
G-to-H PCB trace length, XGH
1.5 inches (assuming 1dB / inch at 5GHz)
PCB trace width
4 mils
AC-coupling capacitor (75nF to 265nF)
220nF
VCC supply (3V to 3.6V)
3.3V
I2C Mode or GPIO Mode
I2C Mode
1.8V or 3.3V I2C Interface
3.3VI2C. Pull up the I2C_EN pin to 3.3V with a 1KΩ
resistor
9.2.2 Detailed Design Procedure
A typical usage of the TUSB1044A device is shown in Figure 9-2. The device can be controlled either through
GPIO pins or through the I2C interface. In Figure 9-2, a Type-C PD controller is used to configure the device
through the I2C interface. In I2C mode, the equalization settings for each receiver can be independently
controlled through I2C registers. For this reason, all of the equalization pins (UEQ[1:0] and DEQ[1:0]) can be
left unconnected. If these pins are left unconnected, the TUSB1044A 7-bit I2C target address is 12h because
both UEQ1/A1 and UEQ0/A0 are at pin level F. If a different I2C target address is desired, set the UEQ1/A1 and
UEQ0/A0 pins to a level which produces the desired I2C target address.
Recent ECN (Engineering Change Notice) to the USB3.2 specification allows for AC-coupling capacitors
between USB receptacle and the USB3.2 receiver pins of a device, host, or hub. The TUSB1044A does
support the additional AC capacitor as depicted in Figure 9-2 on pins DRX2P/N and DRX1P/N. Make sure the
AC-coupling capacitor is no smaller than 297nF. A value of 330nF is recommended.
TUSB1044A
SLLSG07 – MARCH 2025
www.ti.com
46
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TUSB1044A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com