Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1044AI Datasheet(PDF) 20 Page - Texas Instruments

Part # TUSB1044AI
Description  TUSB1044A USB TYPE-C® 10Gbps Multi-Protocol Bidirectional Linear Redriver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044AI Datasheet(HTML) 20 Page - Texas Instruments

Back Button TUSB1044AI Datasheet HTML 16Page - Texas Instruments TUSB1044AI Datasheet HTML 17Page - Texas Instruments TUSB1044AI Datasheet HTML 18Page - Texas Instruments TUSB1044AI Datasheet HTML 19Page - Texas Instruments TUSB1044AI Datasheet HTML 20Page - Texas Instruments TUSB1044AI Datasheet HTML 21Page - Texas Instruments TUSB1044AI Datasheet HTML 22Page - Texas Instruments TUSB1044AI Datasheet HTML 23Page - Texas Instruments TUSB1044AI Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 66 page
background image
7.2 Functional Block Diagram
I2C_EN
UEQ1/A1
UEQ0/A0
SBU2
SBU1
CTL0/SDA
FLIP/SCL
VCC
AUXp
AUXn
DEQ[1:0]
VIO_SEL
M
U
X
VREG
FSM, Control Logic &
Registers
DRX[2:1]EQ_SEL
CTL1
I2C
Slave
DTX2p
DRX1p
DRX2p
DTX2n
DRX1n
DRX2n
DTX1p
DTX1n
UTX2p
URX1p
URX2p
URX2n
UTX1n
Driver
EQ
DRX2EQ_SEL
URX2EQ_SEL
EQ
EQ
Driver
Driver
EQ
DTX2EQ_SEL
UTX2EQ_SEL
EQ
EQ
Driver
UTX2n
Driver
EQ
DTX1EQ_SEL
UTX1EQ_SEL
EQ
EQ
Driver
UTX1p
Driver
EQ
DRX1EQ_SEL
URX1EQ_SEL
EQ
EQ
Driver
URX1n
CFG[1:0]
SWAP
SLP_S0#
DTX[2:1]EQ_SEL
URX[2:1]EQ_SEL
UTX[2:1]EQ_SEL
DIR[1:0]
CHANNEL 0
CHANNEL 0
CHANNEL 1
CHANNEL 1
CHANNEL 2
CHANNEL 2
CHANNEL 3
CHANNEL 3
TUSB1044A
SLLSG07 – MARCH 2025
www.ti.com
20
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TUSB1044A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com