Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1044AI Datasheet(PDF) 21 Page - Texas Instruments

Part # TUSB1044AI
Description  TUSB1044A USB TYPE-C® 10Gbps Multi-Protocol Bidirectional Linear Redriver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044AI Datasheet(HTML) 21 Page - Texas Instruments

Back Button TUSB1044AI Datasheet HTML 17Page - Texas Instruments TUSB1044AI Datasheet HTML 18Page - Texas Instruments TUSB1044AI Datasheet HTML 19Page - Texas Instruments TUSB1044AI Datasheet HTML 20Page - Texas Instruments TUSB1044AI Datasheet HTML 21Page - Texas Instruments TUSB1044AI Datasheet HTML 22Page - Texas Instruments TUSB1044AI Datasheet HTML 23Page - Texas Instruments TUSB1044AI Datasheet HTML 24Page - Texas Instruments TUSB1044AI Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
7.3 Feature Description
7.3.1 USB 3.2
The TUSB1044A supports USB 3.2 data rates up to 20Gbps when operating in USB3.2 x2 mode
(USB32_BY2_EN = 1) and up to 10Gbps when operating in USB3.2 x1 mode (USB32_BY2_EN = 0). The
TUSB1044A supports all the USB defined power states (U0, U1, U2, and U3). The TUSB1044A is a linear
redriver, therefore the TUSB1044A cannot decode USB3.2 physical layer traffic. The TUSB1044A monitors the
actual physical layer conditions like receiver termination, electrical idle, LFPS, and SuperSpeed signaling rate to
determine the USB power state of the USB3.2 interface.
The TUSB1044A features an intelligent low-frequency periodic signaling (LFPS) detector. The LFPS detector
automatically senses the low-frequency signals and disables receiver equalization functionality. When not
receiving LFPS, the TUSB1044A enables receiver equalization based on the UEQ[1:0] and DEQ[1:0] pins or
values programmed into UEQ[3:0]_SEL, and DEQ[3:0]_SEL registers.
7.3.2 USB 3.2 x2 Description
The TUSB1044A configured for USB 3.2 x2 mode determines if the link is operating in USB 3.2 x2 or in USB 3.2
x1. If the link is USB 3.2 x2, then TUSB1044A operates with one port operating as a USB 3.2 x1 port and the
remaining port following the lead of the other port. The port functioning as a USB 3.2 x1 port is called the config
lane. The determination of the config lane is based solely on the Type-C orientation. For normal orientation (FLIP
= L), Port 1 is the config lane. For the flipped orientation (FLIP = H), Port 2 is the config lane.
In USB 3.2 x2, the config lane operates as a standard USB 3.2 x1 port. While in all USB low power states
(Disconnect, U1, U2, and U3), the non-config lane is disabled to conserve power. Entry to and exit from these
low power states is determined solely by the config lane. If the config lane detects an exit from a low power
state, then the non-config is enabled.
Table 7-1. Config Lane Selection
DIR0 PIN OR DIR0 REGISTER
FLIP PIN OR FLIP_SEL
REGISTER
CONFIG LANE
NON-CONFIG LANE
0 (source)
0
DRX1 -> URX1
DRX2 -> URX2
UTX1 -> DTX1
UTX2 -> DTX2
1
DRX2 -> URX2
DRX1 -> URX1
UTX2 -> DTX2
UTX1 -> DTX1
1 (sink)
0
DRX2 -> URX2
DRX1 -> URX1
UTX2 -> DTX2
UTX1 -> DTX1
1
DRX1 -> URX1
DRX2 -> URX2
UTX1 -> DTX1
UTX2 -> DTX2
Note
In GPIO mode the TUSB1044A is enabled for USB3.2 x2 mode when all the following conditions are
true: DIR1 pin = H, DIR0 pin = L or H, CTL0 pin = H and CTL1 pin = H.
In I2C mode, USB3.2 x2 mode is disabled by default. USB3.2x2 in I2C mode is enabled if either of the
following conditions is true:
• At offset 0xA, USB32_BY2_EN bit = 1'b1 and CTLSEL_1:0 bits = 2'b01.
• At offset 0xA, CTLSEL_1:0 bits = 2'b11, and at offset 0xC, DIR_SEL bits = 2'b10 or 2'b11
7.3.3 DisplayPort
The TUSB1044A supports up to four DisplayPort lanes at data rates up to 10.0Gbps (UHBR10). The
TUSB1044A, when configured in DisplayPort mode, monitors the native AUX traffic between the DisplayPort
source and DisplayPort sink. For the purposes of reducing power, the TUSB1044A manages the number
of active DisplayPort lanes based on the content of the AUX transactions. The TUSB1044A snoops native
www.ti.com
TUSB1044A
SLLSG07 – MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TUSB1044A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com