Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1044AI Datasheet(PDF) 38 Page - Texas Instruments

Part # TUSB1044AI
Description  TUSB1044A USB TYPE-C® 10Gbps Multi-Protocol Bidirectional Linear Redriver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044AI Datasheet(HTML) 38 Page - Texas Instruments

Back Button TUSB1044AI Datasheet HTML 34Page - Texas Instruments TUSB1044AI Datasheet HTML 35Page - Texas Instruments TUSB1044AI Datasheet HTML 36Page - Texas Instruments TUSB1044AI Datasheet HTML 37Page - Texas Instruments TUSB1044AI Datasheet HTML 38Page - Texas Instruments TUSB1044AI Datasheet HTML 39Page - Texas Instruments TUSB1044AI Datasheet HTML 40Page - Texas Instruments TUSB1044AI Datasheet HTML 41Page - Texas Instruments TUSB1044AI Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 66 page
background image
Table 7-10. I2C Target Address (continued)
TUSB1044A I2C Target Address
UEQ1/A1
PIN LEVEL
UEQ0/A0
PIN LEVEL
BIT 7 (MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
(W/R)
F
F
0
0
1
0
0
1
0
0/1
F
1
0
0
1
0
0
1
1
0/1
1
0
0
0
0
1
1
0
0
0/1
1
R
0
0
0
1
1
0
1
0/1
1
F
0
0
0
1
1
1
0
0/1
1
1
0
0
0
1
1
1
1
0/1
7.5.1 Procedure to Write to TUSB1044A I2C Registers:
1. The controller initiates a write operation by generating a start condition (S), followed by the TUSB1044A 7-bit
address and a zero-value W/R bit to indicate a write cycle .
2. The TUSB1044A acknowledges the address cycle.
3. The controller presents the sub-address (I2C register within TUSB1044A4) to be written, consisting of one
byte of data, MSB-first.
4. The TUSB1044A acknowledges the sub-address cycle.
5. The controller presents the first byte of data to be written to the I2C register.
6. The TUSB1044A acknowledges the byte transfer.
7. The controller can continue to present additional bytes of data to be written, where each byte transfer is
complete after an acknowledge from the TUSB1044A.
8. The controller terminates the write operation by generating a stop condition (P).
7.5.2 Procedure to Read the TUSB1044A I2C Registers:
1. The controller initiates a read operation by generating a start condition (S), followed by the TUSB1044A 7-bit
address and a one-value W/R bit to indicate a read cycle
2. The TUSB1044A acknowledges the address cycle.
3. The TUSB1044A transmit the contents of the memory registers MSB-first starting at register 00h or last read
sub-address+1. If a write to the I2C register occurred prior to the read, then the TUSB1044A shall start at the
sub-address specified in the write.
4. The TUSB1044A waits for either an acknowledge (ACK) or a not-acknowledge (NACK) from the controller
after each byte transfer; the I2C controller acknowledges reception of each data byte transfer.
5. If an ACK is received, the TUSB1044A transmits the next byte of data.
6. The controller terminates the read operation by generating a stop condition (P).
7.5.3 Procedure to Set a Starting Sub-Address for I2C Reads:
1. The controller initiates a write operation by generating a start condition (S), followed by the TUSB1044A 7-bit
address and a zero-value W/R bit to indicate a write cycle.
2. The TUSB1044A acknowledges the address cycle.
3. The controller presents the sub-address (I2C register within TUSB1044A) to be written, consisting of one
byte of data, MSB-first.
4. The TUSB1044A acknowledges the sub-address cycle.
5. The controller terminates the write operation by generating a stop condition (P).
Note
If no sub-addressing is included for the read procedure, and reads start at register offset 00h and
continue byte by byte through the registers until the I2C controller terminates the read operation. If a
I2C address write occurred prior to the read, then the reads start at the sub-address specified by the
address write.
TUSB1044A
SLLSG07 – MARCH 2025
www.ti.com
38
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TUSB1044A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com