Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1044AI Datasheet(PDF) 30 Page - Texas Instruments

Part # TUSB1044AI
Description  TUSB1044A USB TYPE-C® 10Gbps Multi-Protocol Bidirectional Linear Redriver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044AI Datasheet(HTML) 30 Page - Texas Instruments

Back Button TUSB1044AI Datasheet HTML 26Page - Texas Instruments TUSB1044AI Datasheet HTML 27Page - Texas Instruments TUSB1044AI Datasheet HTML 28Page - Texas Instruments TUSB1044AI Datasheet HTML 29Page - Texas Instruments TUSB1044AI Datasheet HTML 30Page - Texas Instruments TUSB1044AI Datasheet HTML 31Page - Texas Instruments TUSB1044AI Datasheet HTML 32Page - Texas Instruments TUSB1044AI Datasheet HTML 33Page - Texas Instruments TUSB1044AI Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 66 page
background image
Table 7-5. INPUT to OUTPUT Mapping (continued)
SWAP = L
SWAP = H
FROM
FROM
TO
FROM
FROM
TO
DIR1
PIN
DIR0
PIN
CTL1
PIN
CTL0
PIN
FLIP
PIN
RX EQ
CONTROL
PINS
INPUT
PIN
OUTPUT
PIN
RX EQ
CONTROL
PINS
INPUT
PIN
OUTPUT
PIN
H
L
L
H
H
DEQ[1:0]
DRX2P
URX2P
(SSRXP)
DEQ[1:0]
URX2P
(SSTXP)
DRX2P
DEQ[1:0]
DRX2N
URX2N
(SSRXN)
DEQ[1:0]
URX2N
(SSTXN)
DRX2N
UEQ[1:0]
UTX2P
(SSTXP)
DTX2P
UEQ[1:0]
DTX2P
UTX2P
(SSRXP)
UEQ[1:0]
UTX2N
(SSTXN)
DTX2N
UEQ[1:0]
DTX2N
UTX2N
(SSRXN)
4-lane custom normal orientation
H
L
H
L
L
DEQ[1:0]
DRX2P
URX2P
(LN1RXP)
DEQ[1:0]
URX2P
(LN1RXP)
DRX2P
DEQ[1:0]
DRX2N
URX2N
(LN1RXN)
DEQ[1:0]
URX2N
(LN1RXN)
DRX2N
UEQ[1:0]
UTX2P
(LN1TXP)
DTX2P
UEQ[1:0]
DTX2P
UTX2P
(LN1TXP)
UEQ[1:0]
UTX2N
(LN1TXN)
DTX2N
UEQ[1:0]
DTX2N
UTX2N
(LN1TXN)
UEQ[1:0]
UTX1P
(LN0TXP)
DTX1P
UEQ[1:0]
DTX1P
UTX1P
(LN0TXP)
UEQ[1:0]
UTX1N
(LN0TXN)
DTX1N
UEQ[1:0]
DTX1N
UTX1N
(LN0TXN)
DEQ[1:0]
DRX1P
URX1P
(LN0RXP)
DEQ[1:0]
URX1P
(LN0RXP)
DRX1P
DEQ[1:0]
DRX1N
URX1N
(LN0RXN)
DEQ[1:0]
URX1N
(LN0RXN)
DRX1N
4-lane custom flip orientation
H
L
H
L
H
DEQ[1:0]
DRX1P
URX1P
(LN1RXP)
DEQ[1:0]
URX1P
(LN1RXP)
DRX1P
DEQ[1:0]
DRX1N
URX1N
(LN1RXN)
DEQ[1:0]
URX1N
(LN1RXN)
DRX1N
UEQ[1:0]
UTX1P
(LN1TXP)
DTX1P
UEQ[1:0]
DTX1P
UTX1P
(LN1TXP)
UEQ[1:0]
UTX1N
(LN1TXN)
DTX1N
UEQ[1:0]
DTX1N
UTX1N
(LN1TXN)
UEQ[1:0]
UTX2P
(LN0TXP)
DTX2P
UEQ[1:0]
DTX2P
UTX2P
(LN0TXP)
UEQ[1:0]
UTX2N
(LN0TXN)
DTX2N
UEQ[1:0]
DTX2N
UTX2N
(LN0TXN)
DEQ[1:0]
DRX2P
URX2P
(LN0RXP)
DEQ[1:0]
URX2P
(LN0RXP)
DRX2P
DEQ[1:0]
DRX2N
URX2N
(LN0RXN)
DEQ[1:0]
URX2N
(LN0RXN)
DRX2N
USB3.2 x 2 normal orientation
TUSB1044A
SLLSG07 – MARCH 2025
www.ti.com
30
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TUSB1044A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com