Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1044AI Datasheet(PDF) 9 Page - Texas Instruments

Part # TUSB1044AI
Description  TUSB1044A USB TYPE-C® 10Gbps Multi-Protocol Bidirectional Linear Redriver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044AI Datasheet(HTML) 9 Page - Texas Instruments

Back Button TUSB1044AI Datasheet HTML 5Page - Texas Instruments TUSB1044AI Datasheet HTML 6Page - Texas Instruments TUSB1044AI Datasheet HTML 7Page - Texas Instruments TUSB1044AI Datasheet HTML 8Page - Texas Instruments TUSB1044AI Datasheet HTML 9Page - Texas Instruments TUSB1044AI Datasheet HTML 10Page - Texas Instruments TUSB1044AI Datasheet HTML 11Page - Texas Instruments TUSB1044AI Datasheet HTML 12Page - Texas Instruments TUSB1044AI Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
over operating free-air temperature and voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VTX-CM-
AC-PP-
ACTIVE
Tx AC common-mode voltage active
Rx EQ setting matches input channel
loss; Max mismatch from Txp + Txn for
both time and amplitude; –40
℃ to 85℃;
100
mVpp
VTX-IDLE-
DIFF-AC-PP
AC electrical idle differential peak-to-peak
output voltage
At package pins
0
10
mV
VTX-IDLE-
DIFF-DC
DC electrical idle differential output
voltage
At package pins after low-pass filter to
remove AC component
0
14
mV
RTX-DIFF Differential impedance of the driver
75
120
Ω
CAC-
COUPLING
AC coupling capacitor
75
265
nF
RTX-CM
Common-mode impedance of the driver
Measured with respect to AC ground over
0V to 500mV
18
30
Ω
ITX-SHORT TX short circuit current
TX + /- shorted to GND
74
mA
RLTX-DIFF Differential return loss
50MHz to 2.5GHz at 90Ω
–13
dB
RLTX-DIFF Differential return loss
5GHz at 90Ω
–10.5
dB
RLTX-CM Common-mode return loss
50MHz to 5GHz at 90Ω
–10
dB
AC Characteristics
Crosstalk
Differential cross talk between TX and RX
signal pairs
At 5GHz
-30
dB
GLF
Low-frequency voltage gain for 0dB
setting.
At 100MHz; 200mVpp < VID < 2000mVpp;
0dB DC Gain;
–1
0
1
dB
CP1 dB-
LF-1100
Low-frequency –1dB compression point
At 100MHz; 200 mVpp < VID < 2000
mVpp; 1100mVpp linearity setting;
1100
mVpp
CP1 dB-
HF-1100
High-frequency –1dB compression point
At 5GHz; 200mVpp < VID < 2000 mVpp;
1100mVpp linearity setting;
1200
mVpp
fLF
Low-frequency cutoff
200mVpp < VID < 2000mVpp
22
50
kHz
DJ
TX output deterministic jitter
200mVpp < VID < 2000mVpp, PRBS7,
10Gbps
0.07
UIpp
DJ
TX output deterministic jitter
200mVpp < VID < 2000mVpp, PRBS7,
8.1Gbps
0.07
UIpp
TJ
TX output total jitter
200mVpp < VID < 2000mVpp, PRBS7,
10Gbps
0.11
UIpp
TJ
TX output total jitter
200 mVpp < VID < 2000 mVpp, PRBS7,
8.1Gbps
0.11
UIpp
DisplayPort Receiver (UTX1P/N, UTX2P/N, URX1P/N, URX2P/N)
VID_PP
Peak-to-peak input differential dynamic
voltage range
1500
V
VIC
Input common-mode voltage
0
V
CAC
AC coupling capacitance
75
265
nF
EQDP
Receiver equalizer
DPEQ1, DPEQ0 at 4.05GHz
9.5
dB
dR
Data rate
UHBR10
10.0
Gbps
Rti
Input Termination resistance
80
100
120
Ω
DisplayPort Transmitter (DTX1P/N, DTX2P/N, DRX1P/N, DRX2P/N)
VTX-
DIFFPP
VOD dynamic range
1500
mV
AUXP/N and SBU1/2
RON
Output ON resistance
VCC = 3.3V; VI = 0V to 0.4V for AUXP; VI
= 2.7V to 3.6V for AUXN
5
12
Ω
ΔRON
ON resistance mismatch within pair
VCC = 3.3V; VI = 0V to 0.4V for AUXP; VI
= 2.7V to 3.6V for AUXN
2.0
Ω
www.ti.com
TUSB1044A
SLLSG07 – MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TUSB1044A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com