Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1044AI Datasheet(PDF) 44 Page - Texas Instruments

Part # TUSB1044AI
Description  TUSB1044A USB TYPE-C® 10Gbps Multi-Protocol Bidirectional Linear Redriver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044AI Datasheet(HTML) 44 Page - Texas Instruments

Back Button TUSB1044AI Datasheet HTML 40Page - Texas Instruments TUSB1044AI Datasheet HTML 41Page - Texas Instruments TUSB1044AI Datasheet HTML 42Page - Texas Instruments TUSB1044AI Datasheet HTML 43Page - Texas Instruments TUSB1044AI Datasheet HTML 44Page - Texas Instruments TUSB1044AI Datasheet HTML 45Page - Texas Instruments TUSB1044AI Datasheet HTML 46Page - Texas Instruments TUSB1044AI Datasheet HTML 47Page - Texas Instruments TUSB1044AI Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 66 page
background image
Table 8-12. USB3_MISC Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
5
U2U3_LFPS_DEBOUNCE R/W
0h
Controls whether or not incoming LFPS is debounced or not.
0h = No debounce of LFPS before U2/U3 exit.
1h = 200us debounce of LFPS before U2/U3 exit.
4
DISABLE_U2U3_RXDET
R/W
0h
Controls whether or not Rx.Detect is performed in U2/U3 state.
0h = Rx.Detect in U2/U3 enabled.
1h = Rx.Detect in U2/U3 disabled.
3-2
DFP_RXDET_INTERVAL
R/W
1h
This field controls the Rx.Detect interval for the downstream facing
port (DTX1P/N and DTX2P/N).
0h = 8ms
1h = 12ms
2h = Reserved
3h = Reserved.
1-0
USB_COMPLIANCE_CTR
L
R/W
0h
Controls whether compliance mode is determined by FSM or
register.
0h = Compliance mode determined by FSM.
1h = Compliance mode enabled in DFP direction.
2h = Compliance mode enabled in UFP direction.
3h = Compliance mode disabled.
8.1.11 USB3_LOS Register (Offset = 23h) [Reset = 23h]
USB3_LOS is shown in Table 8-13.
Return to the Summary Table.
Table 8-13. USB3_LOS Register Field Descriptions
Bit
Field
Type
Reset
Description
7
VCM_LFPS_WAIT
R/W
0h
Add delay for TX VCM to settle before passing LFPS
0h = Enable
1h = Disable
6
RESERVED
R
0h
Reserved
5-3
CFG_LOS_HYST
R/W
4h
Controls LOS hysteresis defined as 20 log (LOS deassert
threshold/LOS assert threshold).
0h = 0.15dB
1h = 0.85dB
2h = 1.45dB
3h = 2.00dB
4h = 2.70dB
5h = 3.00dB
6h = 3.40dB
7h = 3.80dB
2-0
CFG_LOS_VTH
R/W
3h
Controls LOS assert threshold voltage
0h = 67mV
1h = 72mV
2h = 79mV
3h = 85mV
4h = 91mV
5h = 97mV
6h = 105mV
7h = 112mV
TUSB1044A
SLLSG07 – MARCH 2025
www.ti.com
44
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TUSB1044A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com