Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1044AI Datasheet(PDF) 3 Page - Texas Instruments

Part # TUSB1044AI
Description  TUSB1044A USB TYPE-C® 10Gbps Multi-Protocol Bidirectional Linear Redriver
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1044AI Datasheet(HTML) 3 Page - Texas Instruments

  TUSB1044AI Datasheet HTML 1Page - Texas Instruments TUSB1044AI Datasheet HTML 2Page - Texas Instruments TUSB1044AI Datasheet HTML 3Page - Texas Instruments TUSB1044AI Datasheet HTML 4Page - Texas Instruments TUSB1044AI Datasheet HTML 5Page - Texas Instruments TUSB1044AI Datasheet HTML 6Page - Texas Instruments TUSB1044AI Datasheet HTML 7Page - Texas Instruments TUSB1044AI Datasheet HTML 8Page - Texas Instruments TUSB1044AI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 66 page
background image
4 Pin Configuration and Functions
Thermal
Pad
1
VCC
2
UEQ1/A1
3
CFG0
4
CFG1
5
SWAP
6
VCC
7
SLP_S0#
8
DIR0
21
FLIP/SCL
22
CTL0/SDA
23
CTL1
24
AUXp
25
AUXn
26
SBU2
27
SBU1
28
VCC
Not to scale
Figure 4-1. RNQ Package 40-Pin (WQFN) Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
VCC
P
3.3V power supply
2
UEQ1/A1
4 Level I
This pin along with UEQ0 sets the high-frequency equalizer gain for upstream facing URX1, URX2, UTX1,
UTX2 receivers. In I2C Mode, this pin also sets the TUSB1044A I2C address. See also Table 7-10.
3
CFG0
4 Level I
CFG0. This pin along with CFG1 selects the VOD linearity range and DC gain for all the downstream and
upstream channels. Refer to Table 7-9 for VOD linearity range and DC gain options.
4
CFG1
4 Level I
CFG1. This pin along with CFG0 sets the VOD linearity range and DC gain for all the downstream and
upstream channels. Refer to Table 7-9 for VOD linearity range and DC gain options.
5
SWAP
2 Level I
(PD)
This pin swaps all the channel directions and EQ settings of downstream facing and upstream facing data
path inputs.
0 – Do not swap channel directions and EQ settings (Default)
1. – Swap channel directions and EQ settings.
6
VCC
P
3.3V power supply
7
SLP_S0#
2 Level I
(PD)
This pin when asserted low disables the Receiver Detect functionality. While this pin is low and
TUSB1044A is in U2/U3, the TUSB1044A disables the LOS and LFPS detection circuitry and the RX
termination for both channels remains enabled. If this pin is low and the TUSB1044A is in the disconnect
state, the RX detect functionality is disabled and RX termination for both channels is disabled.
0 – RX Detect disabled
1 – RX Detect enabled (Default)
8
DIR0
2 Level I
(PD)
This pin along with DIR1 sets the data path signal direction format. Refer to Table 7-5 for signal direction
formats.
0 - Source Side (DFP) Alt Mode format
1 - Sink Side (UFP) Alt Mode format
9
URX2p
Diff I/O
Differential positive input/output for upstream facing RX2 port.
10
URX2n
Diff I/O
Differential negative input/output for upstream facing RX2 port.
11
DIR1
2 Level I/O
(PD)
This pin along with DIR0 sets the data path signal direction format. Refer to Table 7-5 for signal direction
formats.
0 - DisplayPort Alt Mode format
1 - Custom Alt Mode format
12
UTX2p
Diff I/O
Differential positive input/output for upstream facing TX2 port.
www.ti.com
TUSB1044A
SLLSG07 – MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TUSB1044A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com