Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBD Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # TBD
Description  Quad Core Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TBD Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button TBD Datasheet HTML 21Page - Freescale Semiconductor, Inc TBD Datasheet HTML 22Page - Freescale Semiconductor, Inc TBD Datasheet HTML 23Page - Freescale Semiconductor, Inc TBD Datasheet HTML 24Page - Freescale Semiconductor, Inc TBD Datasheet HTML 25Page - Freescale Semiconductor, Inc TBD Datasheet HTML 26Page - Freescale Semiconductor, Inc TBD Datasheet HTML 27Page - Freescale Semiconductor, Inc TBD Datasheet HTML 28Page - Freescale Semiconductor, Inc TBD Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 80 page
background image
Electrical Characteristics
MSC8144E Quad Core Digital Signal Processor Data Sheet, Rev. 6
Freescale Semiconductor
25
2
Electrical Characteristics
This document contains detailed information on power considerations, DC/AC electrical characteristics, and AC timing
specifications. For additional information, see the MSC8144E Reference Manual.
2.1
Maximum Ratings
In calculating timing requirements, adding a maximum value of one specification to a minimum value of another specification
does not yield a reasonable sum. A maximum specification is calculated using a worst case variation of process parameter values
in one direction. The minimum specification is calculated using the worst case for the same parameters in the opposite direction.
Therefore, a “maximum” value for a specification never occurs in the same device with a “minimum” value for another
specification; adding a maximum to a minimum represents a condition that can never exist.
AH17
Reserved1
—
AH18
Reserved1
—
AH19
Reserved1
—
AH20
Reserved1
—
AH21
Reserved1
—
AH22
Reserved1
—
AH23
Reserved1
—
AH24
Reserved1
—
AH25
Reserved1
—
AH26
Reserved1
—
AH27
Reserved1
—
AH28
Reserved1
—
Notes:
1.
Reserved signals should be disconnected for compatibility with future revisions of the device.
2.
For signals with same functionality in all modes the appropriate cells are empty.
3.
The choice between GPIO function and other function is by GPIO registers setup. For configuration details, see Chapter 23,
GPIO in the MSC8144E Reference Manual.
4.
Open-drain signal.
5.
Internal 20 K
Ω pull-up resistor.
6.
For signals with GPIO functionality, the open-drain and internal 20 K
Ω pull-up resistor can be configured by GPIO register
programming. See Chapter 23, GPIO of the MSC8144E Reference Manual for configuration details.
CAUTION
This device contains circuitry protecting against damage
due to high static voltage or electrical fields; however,
normal precautions should be taken to avoid exceeding
maximum voltage ratings. Reliability is enhanced if unused
inputs are tied to an appropriate logic voltage level (for
example, either GND or VDD).
Table 1. Signal List by Ball Number (continued)
Ball
Number
Signal Name
Power-
On
Reset
Value
I/O Multiplexing Mode2
Ref.
Supply
0 (000)
1 (001)
2 (010)
3 (011)
4 (100)
5 (101)
6 (110)
7 (111)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com