Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBD Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # TBD
Description  Quad Core Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TBD Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button TBD Datasheet HTML 32Page - Freescale Semiconductor, Inc TBD Datasheet HTML 33Page - Freescale Semiconductor, Inc TBD Datasheet HTML 34Page - Freescale Semiconductor, Inc TBD Datasheet HTML 35Page - Freescale Semiconductor, Inc TBD Datasheet HTML 36Page - Freescale Semiconductor, Inc TBD Datasheet HTML 37Page - Freescale Semiconductor, Inc TBD Datasheet HTML 38Page - Freescale Semiconductor, Inc TBD Datasheet HTML 39Page - Freescale Semiconductor, Inc TBD Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 80 page
background image
MSC8144E Quad Core Digital Signal Processor Data Sheet, Rev. 6
Electrical Characteristics
Freescale Semiconductor
36
2.7.3
Reset Timing
The MSC8144E has several inputs to the reset logic:
•
Power-on reset (PORESET)
•
External hard reset (HRESET)
•
External soft reset (SRESET)
•
Software watchdog reset
•JTAG reset
•
RapidIO reset
•
Software hard reset
•
Software soft reset
All MSC8144E reset sources are fed into the reset controller, which takes different actions depending on the source of the reset.
The reset status register indicates the most recent sources to cause a reset. Table 22 describes the reset sources.
Table 22. Reset Sources
Table 21. Clock Parameters
Characteristic
Min
Max
Unit
CLKIN slew rate (20%-80%)
1
—
V/ns
PCI_CLK_IN slew rate (20%-80%)
1
—
V/ns
Name
Direction
Description
Power-on reset
(PORESET)
Input
Initiates the power-on reset flow that resets the MSC8144E and configures various attributes of the
MSC8144E. On PORESET, the entire MSC8144E device is reset. All PLLs states is reset, HRESET
and SRESET are driven, the extended cores are reset, and system configuration is sampled. The
reset source and word are configured only when PORESET is asserted.
External hard
reset (HRESET)
Input/ Output
Initiates the hard reset flow that configures various attributes of the MSC8144E. While HRESET is
asserted, SRESET is also asserted. HRESET is an open-drain pin. Upon hard reset, HRESET and
SRESET are driven, the extended cores are reset, and system configuration is sampled. Note that
the RCW (reset Configuration Word) is not reloaded during HRESET assertion after out of power on
reset sequence. The reset configuration word is described in the Reset chapter in the MSC8144E
Reference Manual.
External soft reset
(SRESET)
Input/ Output
Initiates the soft reset flow. The MSC8144E detects an external assertion of SRESET only if it occurs
while the MSC8144E is not asserting reset. SRESET is an open-drain pin. Upon soft reset, SRESET
is driven, the extended cores are reset, and system configuration is maintained.
Host reset
command through
the TAP
Internal
When a host reset command is written through the Test Access Port (TAP), the TAP logic asserts the
soft reset signal and an internal soft reset sequence is generated.
Software
watchdog reset
Internal
When the MSC8144E watchdog count reaches zero, a software watchdog reset is signalled. The
enabled software watchdog event then generates an internal hard reset sequence.
RapidIO reset
Internal
When the RapidIO logic asserts the RapidIO hard reset signal, it generates an internal hard reset
sequence.
Software hard
reset
Internal
A hard reset sequence can be initialized by writing to a memory mapped register (RCR)
Software soft reset
Internal
A soft reset sequence can be initialized by writing to a memory mapped register (RCR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com